Electronic Components Datasheet Search |
|
EL8170IS-T7 Datasheet(PDF) 2 Page - Intersil Corporation |
|
EL8170IS-T7 Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 14 page 2 FN7490.1 March 9, 2006 Ordering Information PART NUMBER PART MARKING TAPE & REEL PACKAGE PKG. DWG. # PART NUMBER PART MARKING TAPE & REEL PACKAGE PKG. DWG. # EL8170IS 8170IS - 8 Ld SO MDP0027 EL8173IS 8173IS - 8 Ld SO MDP0027 EL8170IS-T7 8170IS 7” 8 Ld SO MDP0027 EL8173IS-T7 8173IS 7” 8 Ld SO MDP0027 EL8170IS-T13 8170IS 13” 8 Ld SO MDP0027 EL8173IS-T13 8173IS 13” 8 Ld SO MDP0027 EL8170ISZ (See Note) 8170ISZ - 8 Ld SO (Pb-free) MDP0027 EL8173ISZ (See Note) 8173ISZ - 8 Ld SO (Pb-free) MDP0027 EL8170ISZ-T7 (See Note) 8170ISZ 7” 8 Ld SO (Pb-free) MDP0027 EL8173ISZ-T7 (See Note) 8173ISZ 7” 8 Ld SO (Pb-free) MDP0027 EL8170ISZ-T13 (See Note) 8170ISZ 13” 8 Ld SO (Pb-free) MDP0027 EL8173ISZ-T13 (See Note) 8173ISZ 13” 8 Ld SO (Pb-free) MDP0027 NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. Pin Description EL8170/EL8173 PIN NAME PIN FUNCTION 1ENABLE Active Low. When pulled up above 2V, the in-amp conserves 3µA disabled supply current and the output is in a high impedance state. An internal pull down defines the ENABLE low when left floating. 2 IN- Inverting (IN-) and non-inverting (IN+) high impedance input terminals. 3IN+ 4 VS- Negative supply terminal. 5 FB- High impedance feedback terminals. The feedback terminals have a very similar equivalent circuit as the input terminals. They also have an Input Bias Compensation/Cancelling Circuit. The negative feedback (FB-) pin connects to an external resistive network to set the gain of the in-amp. The positive feedback (FB+) can be used to shift the DC level of the output or as an output offset. 8FB+ 7 VS+ Positive supply terminal. 6 VOUT Output Voltage. EL8170, EL8173 |
Similar Part No. - EL8170IS-T7 |
|
Similar Description - EL8170IS-T7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |