Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7585AP Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL7585AP
Description  TFT-LCD Power Supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7585AP Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL7585AP_06 Datasheet HTML 7Page - Intersil Corporation EL7585AP_06 Datasheet HTML 8Page - Intersil Corporation EL7585AP_06 Datasheet HTML 9Page - Intersil Corporation EL7585AP_06 Datasheet HTML 10Page - Intersil Corporation EL7585AP_06 Datasheet HTML 11Page - Intersil Corporation EL7585AP_06 Datasheet HTML 12Page - Intersil Corporation EL7585AP_06 Datasheet HTML 13Page - Intersil Corporation EL7585AP_06 Datasheet HTML 14Page - Intersil Corporation EL7585AP_06 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN7523.3
March 9, 2006
Operation of the DELB Output Function
An open drain DELB output is provided to allow the boost
output voltage, developed at C2 (see application diagram),
to be delayed via an external switch (Q4) to a time after the
VBOOST supply and negative VOFF charge pump supply
have achieved regulation during the start-up sequence
shown in Figure 28. This then allows the AVDD and VON
supplies to start-up from 0V instead of the normal offset
voltage of VIN-VDIODE (D1) if Q4 were not present.
When DELB is activated by the start-up sequencer, it sinks
50µA allowing a controlled turn-on of Q4 and charge-up of
C9. C16 can be used to control the turn-on time of Q4 to
reduce inrush current into C9. The potential divider formed
by R9 and R8 can be used to limit the VGS voltage of Q4 if
required by the voltage rating of this device. When the
voltage at DELB falls to less than 0.6V, the sink current is
increased to ~1.2mA to firmly pull DELB to 0V.
The voltage at DELB is monitored by the fault protection
circuit so that if the initial 50µA sink current fails to pull DELB
below ~0.6V after the start-up sequencing has completed,
then a fault condition will be detected and a fault time-out
ramp will be initiated on the CDEL capacitor (C7).
Operation of the PG Output Function
The PG output consists of an internal pull-up PMOS device
to VIN, to turn-off the external Q1 protection switch and a
current limited pull-down NMOS device which sinks ~15µA
allowing a controlled turn-on of Q1 gate capacitance. CO is
used to control how fast Q1 turns-on - limiting inrush current
into C1. When the voltage at the PG pin falls to less than
0.6V, the PG sink current is increased to ~1.2mA to firmly
pull the pin to 0V.
The voltage at PG is monitored by the fault protection circuit
so that if the initial 15µA sink current fails to pull PG below
~0.6V after the start-up sequencing has completed, then a
fault condition will be detected and a fault time-out ramp will
be initiated on the CDEL capacitor (C7).
Cascaded MOSFET Application
A 20V N-channel MOSFET is integrated in the boost
regulator. For the applications where the output voltage is
greater than 20V, an external cascaded MOSFET is needed
as shown in Figure 20. The voltage rating of the external
MOSFET should be greater than VBOOST.
Linear-Regulator Controllers (VON, VLOGIC, and
VOFF)
The EL7585A includes three independent linear-regulator
controllers, in which two are positive output voltage (VON
and VLOGIC), and one is negative. The VON, VOFF, and
VLOGIC linear-regulator controller functional diagrams,
applications circuits are shown in Figures 21, 22, and 23
respectively.
Calculation of the Linear Regulator Base-Emitter
Resistors (RBL, RBP and RBN)
For the pass transistor of the linear regulator, low frequency
gain (Hfe) and unity gain freq. (fT) are usually specified in the
datasheet. The pass transistor adds a pole to the loop
transfer function at fp=fT/Hfe. Therefore, in order to maintain
phase margin at low frequency, the best choice for a pass
device is often a high frequency low gain switching
transistor. Further improvement can be obtained by adding a
base-emitter resistor RBE (RBP, RBL, RBN in the Functional
Block Diagram), which increase the pole frequency to:
fp=fT*(1+ Hfe *re/RBE)/Hfe, where re=KT/qIc. So choose the
lowest value RBE in the design as long as there is still
enough base current (IB) to support the maximum output
current (IC).
We will take as an example the VLOGIC linear regulator. If a
Fairchild FMMT549 PNP transistor is used as the external
pass transistor, Q5 in the application diagram, then for a
maximum VLOGIC operating requirement of 500mA the data
sheet indicates Hfe_min = 100.
The base-emitter saturation voltage is: Vbe_max = 1.25V
(note this is normally a Vbe ~ 0.7V, however, for the Q5
transistor an internal Darlington arrangement is used to
increase it's current gain, giving a 'base-emitter' voltage of
2xVBE).
(Note that using a high current Darlington PNP transistor for
Q5 requires that VIN > VLOGIC + 2V. Should a lower input
voltage be required, then an ordinary high gain PNP
transistor should be selected for Q5 so as to allow a lower
collector-emitter saturation voltage).
EL7585A
FB
LX
VBOOST
VIN
FIGURE 20. CASCADED MOSFET TOPOLOGY FOR HIGH
OUTPUT VOLTAGE APPLICATIONS
EL7585A


Similar Part No. - EL7585AP_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7585A INTERSIL-EL7585A Datasheet
730Kb / 18P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7585AILZ INTERSIL-EL7585AILZ Datasheet
730Kb / 18P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7585AILZ RENESAS-EL7585AILZ Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7585AILZ-T13 INTERSIL-EL7585AILZ-T13 Datasheet
730Kb / 18P
   TFT-LCD Power Supply
More results

Similar Description - EL7585AP_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
EL7585A INTERSIL-EL7585A Datasheet
730Kb / 18P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586 Datasheet
772Kb / 21P
   TFT-LCD Power Supply
EL7585 INTERSIL-EL7585_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com