Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88706IP829Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL88706IP829Z
Description  uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88706IP829Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL88706IP829Z Datasheet HTML 3Page - Intersil Corporation ISL88706IP829Z Datasheet HTML 4Page - Intersil Corporation ISL88706IP829Z Datasheet HTML 5Page - Intersil Corporation ISL88706IP829Z Datasheet HTML 6Page - Intersil Corporation ISL88706IP829Z Datasheet HTML 7Page - Intersil Corporation ISL88706IP829Z Datasheet HTML 8Page - Intersil Corporation ISL88706IP829Z Datasheet HTML 9Page - Intersil Corporation ISL88706IP829Z Datasheet HTML 10Page - Intersil Corporation ISL88706IP829Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN8092.3
December 6, 2006
Low Voltage Monitoring
These devices monitor both the voltage level of VDD and an
auxiliary voltage on PFI.
When IC is initially biased reset is asserted until the VDD
voltage is greater than the specific IC fixed-voltage trip point
for the tPOR duration of 200ms. At any subsequent time that
VDD does not exceed its voltage threshold, reset is once
again asserted, i.e. RST is high and RST is low.
Power Failure Monitor
These devices also have a Power-Failure Monitor that helps
to monitor an additional critical voltage on the Power-Fail
Input (PFI) pin. For example, the PFI pin could be used to
provide an early power-fail warning, detect a low-battery
condition, presence detection or simply monitor a power
supply other than +5V. The 1.25V threshold detector can be
adjusted using an external resistor divider network to provide
custom voltage monitoring of voltages greater than 1.25V,
according to the following formula (See Figure 1):
PFI VTH = 1.25 (R1 + R2/R2)
PFO goes low whenever PFI is less than the 1.25V (or user-
set) threshold voltage.
Adjusting tPOR
On the ISL88707 and ISL88708, users can adjust the Power
On Reset timeout delay (tPOR) to many times the nominal tPOR
of 200ms. To do this, connect a capacitor between CPOR and
ground (see Figure 3). For example, connecting a 50pF
capacitor to CPOR will increase tPOR from 200ms to ~1.4s.
Care should be taken in PCB layout and capacitor placement in
order to reduce stray capacitance as much as possible, which
contributes to tPOR error.
FIGURE 1. CUSTOM VTH WITH RESISTOR DIVIDER ON PFI
VIN
R1
R2
PFI
ISL8870X
FIGURE 2. POWER-SUPPLY MONITORING TIMING DIAGRAM (WDI TRI-STATED)
VDD
MR
RST
tPOR
VTH1
1V
tPOR
tPOR
>tMR
tRPD
RST
ISL88707, ISL88708
FIGURE 3. ADJUSTING tPOR WITH A CAPACITOR
CPOR (pF)
CPOR
0
2
4
6
8
10
12
14
0
10
20
3040
50
6070
80
90
100
NORMALIZED tPOR vs CPOR (pF)
OPEN = 200ms
ISL88705, ISL88706, ISL88707, ISL88708, 8SL88716, ISL88813


Similar Part No. - ISL88706IP829Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88706IP829Z INTERSIL-ISL88706IP829Z Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Renesas Technology Corp
ISL88706IP829Z RENESAS-ISL88706IP829Z Datasheet
912Kb / 16P
   Portable/Battery Powered Equipment
More results

Similar Description - ISL88706IP829Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
logo
National Semiconductor ...
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
   Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com