Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88706IP826Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL88706IP826Z
Description  uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88706IP826Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL88706IP826Z Datasheet HTML 1Page - Intersil Corporation ISL88706IP826Z Datasheet HTML 2Page - Intersil Corporation ISL88706IP826Z Datasheet HTML 3Page - Intersil Corporation ISL88706IP826Z Datasheet HTML 4Page - Intersil Corporation ISL88706IP826Z Datasheet HTML 5Page - Intersil Corporation ISL88706IP826Z Datasheet HTML 6Page - Intersil Corporation ISL88706IP826Z Datasheet HTML 7Page - Intersil Corporation ISL88706IP826Z Datasheet HTML 8Page - Intersil Corporation ISL88706IP826Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN8092.3
December 6, 2006
Pin Descriptions
ISL88705,
ISL88706
ISL88716,
ISL88813
ISL88707,
ISL88708
NAME
DESCRIPTION
111
MR
Manual Reset Input. A reset signal is generated when this input is pulled low. The MR input is an
active low debounced input to which a user can connect a push-button to add manual reset capability
or drive with a signal. The MR pin has an internal 20k
Ω pull-up.
222
VDD
Power Supply Terminal. The voltage at this pin is compared against an internal factory-programmed
voltage trip point, VTH1. A reset is first asserted when the device is initially powered up to ensure that
the power supply has stabilized. Thereafter, reset is again asserted whenever VDD falls below VTH1.
The device is designed with hysteresis to help prevent chattering due to noise and is immune to brief
power-supply transients. The voltage threshold VTH1 is specified in the part number suffix.
333
GND
Ground Connection
444
PFI
Power-Fail Input This is an auxiliary monitored voltage input with a 1.25V threshold that causes PFO
state to follow the PFI input state.
555
PFO
Power-Fail Output. This output goes high if the voltage on PFI is greater than 1.25V, otherwise PFO
stays low.
6CPOR Adjustable POR Time-out Delay Input. Connecting an external capacitor from CPOR to ground
allows the user to increase the Power On Reset timeout (tPOR) from the nominal 200ms.
66
WDI
Watchdog Input. The Watchdog Input takes an input from a microprocessor and ensures that it
periodically toggles the WDI pin, otherwise the internal nominal 1.6s watchdog timer runs out, then
reset is asserted and WDO is pulled low. The internal Watchdog Timer is cleared whenever the WDI
sees a rising or falling edge or the device is manually reset. Floating WDI or connecting WDI to a
high-impedance three-state buffer disables the watchdog feature.
77
RST
Active-Low Reset Output. The RST output is an active low output with an internal PMOS pull-up
that is pulled low to GND when reset is asserted. Reset is asserted whenever:
1. The device is first powered up,
2. VDD falls below its minimum voltage sense level or
3. MR is asserted.
The reset output continues to be asserted for typically 200ms after VDD rises above the reset
threshold or MR input goes from low to high. A watchdog time-out will not trigger a reset unless WDO
is connected to MR.
78
RST
Active-High Reset Output. The RST pin functions identically to its complementary RST output but
is an active high push pull output. RST is set high to VDD when reset is asserted. See the RST
description for more details on conditions that cause a reset.
88
WDO
Watchdog Output. This output is pulled low when the nominal 1.6s internal Watchdog Timer expires
and does not go high again until the watchdog is cleared. WDO also goes low during low VDD
conditions. Whenever VDD is below the reset threshold, WDO stays low. However, unlike RESET,
WDO does not have a minimum pulse width. As soon as VDD rises above the reset threshold, WDO
goes high with no delay.
ISL88705, ISL88706, ISL88707, ISL88708, 8SL88716, ISL88813


Similar Part No. - ISL88706IP826Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88706IP826Z INTERSIL-ISL88706IP826Z Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Renesas Technology Corp
ISL88706IP826Z RENESAS-ISL88706IP826Z Datasheet
912Kb / 16P
   Portable/Battery Powered Equipment
More results

Similar Description - ISL88706IP826Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
logo
National Semiconductor ...
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
   Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com