Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C513 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X28C513
Description  5V, Byte Alterable EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C513 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X28C513 Datasheet HTML 7Page - Intersil Corporation X28C513 Datasheet HTML 8Page - Intersil Corporation X28C513 Datasheet HTML 9Page - Intersil Corporation X28C513 Datasheet HTML 10Page - Intersil Corporation X28C513 Datasheet HTML 11Page - Intersil Corporation X28C513 Datasheet HTML 12Page - Intersil Corporation X28C513 Datasheet HTML 13Page - Intersil Corporation X28C513 Datasheet HTML 14Page - Intersil Corporation X28C513 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FN8106.2
June 7, 2006
NOTE:
2. This parameter is periodically sampled and not 100% tested.
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias
X28C512, X28C513 . . . . . . . . . . . . . . . . . . . . . . . .-10°C to +85°C
X28C512I/513I . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
X28C512M/513M . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on any pin with respect to VSS . . . . . . . . . . . . . . -1V to +7V
D.C. output current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Lead temperature (soldering, 10s). . . . . . . . . . . . . . . . . . . . . . 300°C
Temperature Range
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Military . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Supply Voltage Limits . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10%
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
DC Electrical Specifications
Over recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ICC
VCC current (active) (TTL inputs)
CE = OE = VIL, WE = VIH, All I/O’s = open, address
inputs = 0.4V/2.4V Levels @ f = 5MHz
50
mA
ISB1
VCC current (standby) (TTL inputs)
CE = VIH, OE = VIL, All I/O’s = open, other inputs = VIH
3mA
ISB2
VCC current (standby) (CMOS inputs)
CE = VCC - 0.3V, OE = VIL, All I/O’s = Open, Other Inputs
= VIH
500
µA
ILI
Input leakage current
VIN = VSS to VCC
10
µA
ILO
Output leakage current
VOUT = VSS to VCC, CE = VIH
10
µA
VlL
(Note 1)
Input LOW voltage
-1
0.8
V
VIH
(Note 1)
Input HIGH voltage
2VCC + 1
V
VOL
Output LOW voltage
IOL = 2.1mA
0.4
V
VOH
Output HIGH voltage
IOH = -400µA
2.4
V
NOTE:
1. VIL min. and VIH max. are for reference only and are not tested.
Power-Up Timing
SYMBOL
PARAMETER
MAX
UNIT
tPUR (Note 2)
Power-up to read operation
100
µs
tPUW (Note 2)
Power-up to write operation
5
ms
Capacitance
TA = +25°C, f = 1MHz, VCC = 5V
SYMBOL
PARAMETER
TEST CONDITIONS
MAX
UNIT
CI/O (Note 2)
Input/output capacitance
VI/O = 0V
10
pF
CIN (Note 2)
Input capacitance
VIN = 0V
10
pF
Endurance and Data Retention
PARAMETER
MIN
MAX
UNIT
Endurance
10,000
Cycles per byte
Endurance
100,000
Cycles per page
Data retention
100
Years
X28C512, X28C513


Similar Part No. - X28C513

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C513 XICOR-X28C513 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Renesas Technology Corp
X28C513 RENESAS-X28C513 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
logo
Xicor Inc.
X28C513E-12 XICOR-X28C513E-12 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C513E-15 XICOR-X28C513E-15 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C513E-20 XICOR-X28C513E-20 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results

Similar Description - X28C513

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com