Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80CL31HFP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P80CL31HFP
Description  Low voltage 8-bit microcontrollers with UART
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CL31HFP Datasheet(HTML) 2 Page - NXP Semiconductors

  P80CL31HFP Datasheet HTML 1Page - NXP Semiconductors P80CL31HFP Datasheet HTML 2Page - NXP Semiconductors P80CL31HFP Datasheet HTML 3Page - NXP Semiconductors P80CL31HFP Datasheet HTML 4Page - NXP Semiconductors P80CL31HFP Datasheet HTML 5Page - NXP Semiconductors P80CL31HFP Datasheet HTML 6Page - NXP Semiconductors P80CL31HFP Datasheet HTML 7Page - NXP Semiconductors P80CL31HFP Datasheet HTML 8Page - NXP Semiconductors P80CL31HFP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
1997 Apr 15
2
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART
P80CL31; P80CL51
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
2.1
Versions: P80CL31 and P80C51
3
APPLICATIONS
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
FUNCTIONAL DIAGRAM
7
PINNING INFORMATION
7.1
Pinning
7.2
Pin description
8
FUNCTIONAL DESCRIPTION OVERVIEW
8.1
General
8.2
CPU timing
9
MEMORY ORGANIZATION
9.1
Program Memory
9.2
Data Memory
9.3
Special Function Registers (SFRs)
9.4
Addressing
10
I/O FACILITIES
10.1
Ports
10.2
Port options
10.3
Port 0 options
10.4
SET/RESET options
11
TIMERS/EVENT COUNTERS
12
REDUCED POWER MODES
12.1
Idle mode
12.2
Power-down mode
12.3
Wake-up from Power-down mode
12.4
Power Control Register (PCON)
12.5
Status of external pins
13
STANDARD SERIAL INTERFACE SIO0:
UART
13.1
Multiprocessor communications
13.2
Serial Port Control and Status Register
(S0CON)
13.3
Baud rates
14
INTERRUPT SYSTEM
14.1
External interrupts INT2 to INT9
14.2
Interrupt priority
14.3
Interrupt registers
15
OSCILLATOR CIRCUITRY
16
RESET
16.1
External reset using the RST pin
16.2
Power-on-reset
17
MASK OPTIONS FOR P80CL31 AND P80C51
17.1
P80CL31: ROMless version
17.2
P80C51: 5V standard version
18
SPECIAL FUNCTION REGISTERS
OVERVIEW
19
INSTRUCTION SET
20
LIMITING VALUES
21
DC CHARACTERISTICS FOR P80CL31 AND
P80CL51
22
DC CHARACTERISTICS FOR P80C51
23
AC CHARACTERISTICS
24
P85CL000HFZ ‘PIGGY-BACK’
SPECIFICATION
24.1
General description
24.2
Feature differences/additional features with
respect to P80CL51
24.3
Common specification/feature differences
between P85CL000HFZ and
P83CL410/P80CL51
25
PACKAGE OUTLINES
26
SOLDERING
26.1
Introduction
26.2
DIP
26.3
QFP and VSO
27
DEFINITIONS
28
LIFE SUPPORT APPLICATIONS


Similar Part No. - P80CL31HFP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80CL31HFP PHILIPS-P80CL31HFP Datasheet
405Kb / 40P
   Low-voltage single-chip 8-bit microcontrollers
1995 January
P80CL31HFPN PHILIPS-P80CL31HFPN Datasheet
405Kb / 40P
   Low-voltage single-chip 8-bit microcontrollers
1995 January
More results

Similar Description - P80CL31HFP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83CL781 PHILIPS-P83CL781 Datasheet
342Kb / 76P
   Low voltage 8-bit microcontrollers with UART and I2C-bus
1997 Mar 14
P80CL580 PHILIPS-P80CL580 Datasheet
366Kb / 80P
   Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
1997 Mar 14
P80CL410 PHILIPS-P80CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
80CL31 PHILIPS-80CL31 Datasheet
405Kb / 40P
   Low-voltage single-chip 8-bit microcontrollers
1995 January
logo
Intel Corporation
8XL51FA INTEL-8XL51FA Datasheet
285Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
8XL52 INTEL-8XL52 Datasheet
284Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
logo
InnovASIC, Inc
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com