Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88706IB829Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL88706IB829Z
Description  uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88706IB829Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL88706IB829Z Datasheet HTML 5Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 6Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 7Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 8Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 9Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 10Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 11Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 12Page - Intersil Corporation ISL88706IB829Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN8092.3
December 6, 2006
Parametric Performance
ISL88705EVAL1 and Applications
The ISL88705EVAL1 supports all six of the ISL88705-
ISL88813 devices, enabling evaluation of basic functional
operation and common application implementations.
Figures 15 and 17 illustrate the ISL88705EVAL1 in
photographic and schematic forms respectively.
The ISL88705EVAL1 is divided into two banks; each bank
having one each of the three available pinouts. The top bank
is fully populated and immediately usable whereas the
bottom bank is unpopulated. Samples of other sample
variants can be evaluated singularly or in combination with
any other variant to provide a specific voltage monitoring
solution. The left position has a ISL88705IB846Z monitoring
the VDD rail voltage for a minimum of 4.64V with reset
signaling. In addition, the power fail input (PFI) is being
compared to the internal PFI voltage reference of 1.25V and
the power fail output (PFO) will report the PFI condition. This
feature can be used for monitoring an auxiliary voltage,
providing an early warning of a brownout or power failure or
presence detection in a system.
The middle position has the ISL88813IB846Z installed and is
set up as a 5V window detector with jumper J1 installed. The
VDD monitors for UV and the PFI for OV via the R3, R4
divider. The PFO output is inverted and connected to the
manual reset input (MR) via U4. Hence a reset signal is
generated when 4.64V < VDD > 5.38V. With J1 removed the
PFO will be an OV indicator but no reset signal will be
generated. Both of these positions share a common
Watchdog input (WDI) signal although each has its own
Watchdog output (WDO).
The right position has the ISL88707IB846Z and is set up as
a +12V and +5V UV monitor with reset signal. The PFI
allows monitoring of any voltage above the 1.25V PFI
reference and with a resistor divider this is used to monitor
the 12V. The ISL88707 and ISL88708 have the unique
feature of an adjustable time to reset (tPOR)signal
FIGURE 6. IDD vs TEMPERATURE
FIGURE 7. VTH1 vs TEMPERATURE FOR 5V SUPPLY
FIGURE 8. VTH1 vs TEMPERATURE < 5V SUPPLY
6.00
6.50
7.00
7.50
8.00
8.50
9.00
9.50
10.0
10.5
-40 -30 -20 -10
0
10 20 30 4050607090
TEMPERATURE (°C)
11.0
VDD = 3.3V
VDD = 5V
4.20
4.25
4.30
4.36
4.40
4.45
4.50
4.55
4.60
4.65
-40 -30 -20 -10
0
10 20 30 4050607090
TEMPERATURE (°C)
4.70
VTH = 4.64V
VTH = 4.38V
-40 -30 -20 -10
0
1020304050607090
TEMPERATURE (°C)
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
VTH = 2.92V
VTH = 3.09V
VTH = 2.63V
FIGURE 9. VTHPFI vs TEMPERATURE
TEMPERATURE (°C)
1.2530
1.2525
1.2520
1.2515
1.2510
1.2505
1.2500
-40 -30 -20 -10
0
1020 304050607090
ISL88705, ISL88706, ISL88707, ISL88708, 8SL88716, ISL88813


Similar Part No. - ISL88706IB829Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88706IB829Z INTERSIL-ISL88706IB829Z Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Renesas Technology Corp
ISL88706IB829Z RENESAS-ISL88706IB829Z Datasheet
912Kb / 16P
   Portable/Battery Powered Equipment
More results

Similar Description - ISL88706IB829Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
logo
National Semiconductor ...
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
   Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com