Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C512DMB-15 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X28C512DMB-15
Description  5V, Byte Alterable EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C512DMB-15 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X28C512DMB-15 Datasheet HTML 3Page - Intersil Corporation X28C512DMB-15 Datasheet HTML 4Page - Intersil Corporation X28C512DMB-15 Datasheet HTML 5Page - Intersil Corporation X28C512DMB-15 Datasheet HTML 6Page - Intersil Corporation X28C512DMB-15 Datasheet HTML 7Page - Intersil Corporation X28C512DMB-15 Datasheet HTML 8Page - Intersil Corporation X28C512DMB-15 Datasheet HTML 9Page - Intersil Corporation X28C512DMB-15 Datasheet HTML 10Page - Intersil Corporation X28C512DMB-15 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FN8106.2
June 7, 2006
The Toggle Bit I/O6
The Toggle Bit can eliminate the chore of saving and
fetching the last address and data in order to implement
DATA Polling. This can be especially helpful in an array
comprised of multiple X28C512, X28C513 memories that
are frequently updated. Toggle Bit Polling can also provide a
method for status checking in multiprocessor applications.
The timing diagram in Figure 3A illustrates the sequence of
events on the bus. The software flow diagram in Figure 3B
illustrates a method for polling the Toggle Bit.
Hardware Data Protection
The X28C512, X28C513 provide three hardware features
that protect nonvolatile data from inadvertent writes.
- Noise Protection—A WE pulse typically less than 10ns
will not initiate a write cycle.
- Default VCC Sense—All write functions are inhibited
when VCC is 3.6V.
- Write Inhibit—Holding either OE LOW, WE HIGH, or CE
HIGH will prevent an inadvertent write cycle during
power-up and power-down, maintaining data integrity.
Write cycle timing specifications must be observed
concurrently.
Software Data Protection
The X28C512, X28C513 offer a software controlled data
protection feature. The X28C512, X28C513 are shipped
from Intersil with the software data protection NOT
ENABLED; that is, the device will be in the standard
operating mode. In this mode data should be protected
during power-up/-down operations through the use of
external circuits. The host would then have open read and
write access of the device once VCC was stable.
The X28C512, X28C513 can be automatically protected
during power-up and power-down without the need for
external circuits by employing the software data protection
feature. The internal software data protection circuit is
enabled after the first write operation utilizing the software
algorithm. This circuit is nonvolatile and will remain set for
the life of the device unless the reset command is issued.
Once the software protection is enabled, the X28C512,
X28C513 are also protected from inadvertent and accidental
writes in the powered-up state. That is, the software
algorithm must be issued prior to writing additional data to
the device. Note: The data in the three-byte enable
sequence is not written to the memory array.
CE
OE
WE
X28C512, X28C513
Last
Write
I/O6
HIGH Z
*
*
VOH
VOL
Ready
* Beginning and ending state of I/O6 will vary.
FIGURE 3A. TOGGLE BIT BUS SEQUENCE
Compare
X28C512
No
Yes
Ok?
Compare
Accum with
Addr N
Load Accum
From Addr N
Last Write
Ready
FIGURE 3B. TOGGLE BIT SOFTWARE FLOW
X28C512, X28C513


Similar Part No. - X28C512DMB-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C512DMB-15 XICOR-X28C512DMB-15 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C512DMB-15 INTERSIL-X28C512DMB-15 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512DMB-15 RENESAS-X28C512DMB-15 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28C512DMB-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com