Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80CL31HFT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P80CL31HFT
Description  Low voltage 8-bit microcontrollers with UART
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CL31HFT Datasheet(HTML) 3 Page - NXP Semiconductors

  P80CL31HFT Datasheet HTML 1Page - NXP Semiconductors P80CL31HFT Datasheet HTML 2Page - NXP Semiconductors P80CL31HFT Datasheet HTML 3Page - NXP Semiconductors P80CL31HFT Datasheet HTML 4Page - NXP Semiconductors P80CL31HFT Datasheet HTML 5Page - NXP Semiconductors P80CL31HFT Datasheet HTML 6Page - NXP Semiconductors P80CL31HFT Datasheet HTML 7Page - NXP Semiconductors P80CL31HFT Datasheet HTML 8Page - NXP Semiconductors P80CL31HFT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
1997 Apr 15
3
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART
P80CL31; P80CL51
1
FEATURES
• Full static 80C51 Central Processing Unit
• 8-bit CPU, ROM, RAM, I/O in a 40-lead DIP,
40-lead VSO or 44-lead QFP package
• 128 bytes on-chip RAM Data Memory
• 4 kbytes on-chip ROM Program Memory for P80CL51
• External memory expandable up to 128 kbytes: RAM up
to 64 kbytes and ROM up to 64 kbytes
• Four 8-bit ports; 32 I/O lines
• Two 16-bit Timer/Event counters
• On-chip oscillator suitable for RC, LC, quartz crystal or
ceramic resonator
• Thirteen source, thirteen vector, nested interrupt
structure with two priority levels
• Full duplex serial port (UART)
• Enhanced architecture with:
– non-page oriented instructions
– direct addressing
– four 8-byte RAM register banks
– stack depth limited only by available internal RAM
(maximum 128 bytes)
– multiply, divide, subtract and compare instructions
• Reduced power consumption through Power-down and
Idle modes
• Wake-up via external interrupts at Port 1
• Frequency range: 0 to 16 MHz (P80C51: 3.5 MHz min.)
• Supply voltage: 1.8 to 6.0 V (P80C51: 5.0 V ±10%)
• Very low current consumption
• Operating ambient temperature range: −40 to +85 °C.
2
GENERAL DESCRIPTION
The P80CL31; P80CL51 (hereafter generally referred to
as the P80CLx1) is manufactured in an advanced CMOS
technology. The P80CLx1 has the same instruction set as
the 80C51, consisting of over 100 instructions:
49 one-byte, 46 two-byte, and 16 three-byte. The device
operates over a wide range of supply voltages and has low
power consumption; there are two software selectable
modes for power reduction: Idle and Power-down.
For emulation purposes, the P85CL000 (piggy-back
version) with 256 bytes of RAM is recommended.
This data sheet details the specific properties of the
P80CL31; P80CL51. For details of the 80C51 core see
“Data Handbook IC20”.
2.1
Versions: P80CL31 and P80C51
The P80CL31 is the ROMless version of the P80CL51.
The mask options on the P80CL31 are fixed as follows:
• All ports have option ‘1S’ (standard, HIGH after reset)
• Oscillator option: Oscillator 3
• Power-on-reset option: OFF.
The P80C51 is a restricted-voltage range version of the
P80CL51. The operating voltage is 5.0 V
±10%.
3
APPLICATIONS
The P80CLx1 is especially suited for real-time applications
such as instrumentation, industrial control, intelligent
computer peripherals and consumer products.
The P80CLx1 also functions as an arithmetic processor
having facilities for both binary and BCD arithmetic plus
bit-handling capabilities.


Similar Part No. - P80CL31HFT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80CL31HFT PHILIPS-P80CL31HFT Datasheet
405Kb / 40P
   Low-voltage single-chip 8-bit microcontrollers
1995 January
P80CL31HFTD PHILIPS-P80CL31HFTD Datasheet
405Kb / 40P
   Low-voltage single-chip 8-bit microcontrollers
1995 January
More results

Similar Description - P80CL31HFT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83CL781 PHILIPS-P83CL781 Datasheet
342Kb / 76P
   Low voltage 8-bit microcontrollers with UART and I2C-bus
1997 Mar 14
P80CL580 PHILIPS-P80CL580 Datasheet
366Kb / 80P
   Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
1997 Mar 14
P80CL410 PHILIPS-P80CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
80CL31 PHILIPS-80CL31 Datasheet
405Kb / 40P
   Low-voltage single-chip 8-bit microcontrollers
1995 January
logo
Intel Corporation
8XL51FA INTEL-8XL51FA Datasheet
285Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
8XL52 INTEL-8XL52 Datasheet
284Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
logo
InnovASIC, Inc
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com