Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1228V14-2.7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X1228V14-2.7
Description  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1228V14-2.7 Datasheet(HTML) 5 Page - Intersil Corporation

  X1228V14-2.7 Datasheet HTML 1Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 2Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 3Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 4Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 5Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 6Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 7Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 8Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
FN8100.4
May 18, 2006
Notes: (1) The device enters the Active state after any start, and remains active: for 9 clock cycles if the Device Select Bits in the Slave Address
Byte are incorrect or until 200nS after a stop ending a read or write operation.
(2) The device enters the Program state 200nS after a stop ending a write operation and continues for tWC.
(3) The device goes into the Timekeeping state 200nS after any stop, except those that initiate a nonvolatile write cycle; tWC after a stop
that initiates a nonvolatile write cycle; or 9 clock cycles after any start that is not followed by the correct Device Select Bits in the Slave
Address Byte.
(4) For reference only and not tested.
(5) VIL = VCC x 0.1, VIH = VCC x 0.9, fSCL = 400kHz
(6) VCC = 0V
(7) VBACK = 0V
(8) VSDA = VSCL=VCC, Others = GND or VCC
(9) VSDA =VSCL=VBACK, Others = GND or VBACK
(10) VSDA = GND or VCC, VSCL = GND or VCC, VRESET = VCC or GND
(11) IOL = 3.0mA at 5.5V, 1.5mA at 2.7V
(12) IOH = -1.0mA at 5.5V, -0.4mA at 2.7V
(13) Threshold voltages based on the higher of Vcc or Vback.
(14) Using recommended crystal and oscillator network applied to X1 and X2 (25°C).
(15) Typical values are for TA = 25°C
Capacitance TA = 25°C, f = 1.0 MHz, VCC = 5V
Notes: (1) This parameter is not 100% tested.
(2) The input capacitance between x1 and x2 pins can be varied between 5pF and 19.75pF by using analog trimming registers
AC CHARACTERISTICS
AC Test Conditions
Figure 18. Standard Output Load for testing the device with VCC = 5.0V
Symbol
Parameter
Max.
Units
Test Conditions
COUT(1)
Output Capacitance (SDA, PHZ/IRQ, RESET)10
pF
VOUT = 0V
CIN(1)
Input Capacitance (SCL)
10
pF
VIN = 0V
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing
Levels
VCC x 0.5
Output Load
Standard Output Load
SDA
1533
Ω
100pF
5.0V
For VOL= 0.4V
and IOL = 3 mA
Equivalent AC Output Load Circuit for VCC = 5V
1316
Ω
5.0V
PHZ/IRQ
100pF
806
Ω
X1228


Similar Part No. - X1228V14-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1228V14-2.7 XICOR-X1228V14-2.7 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228V14-2.7 INTERSIL-X1228V14-2.7 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228V14-2.7 RENESAS-X1228V14-2.7 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228V14-2.7A XICOR-X1228V14-2.7A Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228V14-2.7A INTERSIL-X1228V14-2.7A Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Similar Description - X1228V14-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com