Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9956PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF9956PBF
Description  HEXFET Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9956PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF9956PBF Datasheet HTML 1Page - International Rectifier IRF9956PBF Datasheet HTML 2Page - International Rectifier IRF9956PBF Datasheet HTML 3Page - International Rectifier IRF9956PBF Datasheet HTML 4Page - International Rectifier IRF9956PBF Datasheet HTML 5Page - International Rectifier IRF9956PBF Datasheet HTML 6Page - International Rectifier IRF9956PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HEXFET® Power MOSFET
PD - 95259
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
powerapplications. Withtheseimprovements,multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
09/21/04
SO-8
VDSS = 30V
RDS(on) = 0.10Ω
IRF9956PbF
Description
Recommended upgrade: IRF7303 or IRF7313
Lower profile/smaller equivalent: IRF7503
Symbol
Maximum
Units
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
± 20
TA = 25°C
3.5
TA = 70°C
2.8
Pulsed Drain Current
IDM
16
Continuous Source Current (Diode Conduction)
IS
1.7
TA = 25°C
2.0
TA = 70°C
1.3
Single Pulse Avalanche Energy
‚
EAS
44
mJ
Avalanche Current
IAR
2.0
A
Repetitive Avalanche Energy
EAR
0.20
mJ
Peak Diode Recovery dv/dt
ƒ
dv/dt
5.0
V/ ns
Junction and Storage Temperature Range
TJ, TSTG
-55 to + 150
°C
Thermal Resistance Ratings
Parameter
Symbol
Limit
Units
Maximum Junction-to-Ambient
…
RθJA
62.5
°C/W
Absolute Maximum Ratings ( TA = 25°C Unless Otherwise Noted)
Continuous Drain Current
…
Maximum Power Dissipation
…
A
ID
PD
V
W
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
l
Generation V Technology
l
Ultra Low On-Resistance
l
Dual N-Channel MOSFET
l
Surface Mount
l
Very Low Gate Charge and
Switching Losses
l
Fully Avalanche Rated
l
Lead-Free


Similar Part No. - IRF9956PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9956PBF IRF-IRF9956PBF Datasheet
175Kb / 7P
   ULTRA LOW ON TESISTANCE
IRF9956PBF IRF-IRF9956PBF_15 Datasheet
175Kb / 7P
   ULTRA LOW ON TESISTANCE
More results

Similar Description - IRF9956PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com