Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS38N20D Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS38N20D
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS38N20D Datasheet(HTML) 1 Page - International Rectifier

  IRFS38N20D Datasheet HTML 1Page - International Rectifier IRFS38N20D Datasheet HTML 2Page - International Rectifier IRFS38N20D Datasheet HTML 3Page - International Rectifier IRFS38N20D Datasheet HTML 4Page - International Rectifier IRFS38N20D Datasheet HTML 5Page - International Rectifier IRFS38N20D Datasheet HTML 6Page - International Rectifier IRFS38N20D Datasheet HTML 7Page - International Rectifier IRFS38N20D Datasheet HTML 8Page - International Rectifier IRFS38N20D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Notes
 through ‡ are on page 11
www.irf.com
1
8/10/04
IRFB38N20DPbF
IRFS38N20D
IRFSL38N20D
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
200V
0.054
44A
D2Pak
IRFS38N20D
TO-220AB
IRFB38N20DPbF
TO-262
IRFSL38N20D
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
44
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
32
A
IDM
Pulsed Drain Current

180
PD @TA = 25°C
Power Dissipation
‡
3.8
W
PD @TC = 25°C
Power Dissipation
320
Linear Derating Factor
2.1
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
9.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
†
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
l High frequency DC-DC converters
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.47
RθCS
Case-to-Sink, Flat, Greased Surface
†
0.50
–––
°C/W
RθJA
Junction-to-Ambient
†
–––
62
RθJA
Junction-to-Ambient
‡
–––
40
PD - 95620
l TO-220 is available in PbF as Lead-
Free


Similar Part No. - IRFS38N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS38N20D IRF-IRFS38N20D Datasheet
133Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
logo
Inchange Semiconductor ...
IRFS38N20D ISC-IRFS38N20D Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFS38N20DPBF IRF-IRFS38N20DPBF Datasheet
715Kb / 11P
   HEXFET Power MOSFET
IRFS38N20DPBF IRF-IRFS38N20DPBF Datasheet
341Kb / 11P
   High frequency DC-DC converters
logo
Infineon Technologies A...
IRFS38N20DPbF INFINEON-IRFS38N20DPbF Datasheet
589Kb / 12P
   HEXFET짰 Power MOSFET
2016-5-31
More results

Similar Description - IRFS38N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com