Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256PZ-12 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X28HC256PZ-12
Description  5 Volt, Byte Alterable EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256PZ-12 Datasheet(HTML) 5 Page - Intersil Corporation

  X28HC256PZ-12 Datasheet HTML 1Page - Intersil Corporation X28HC256PZ-12 Datasheet HTML 2Page - Intersil Corporation X28HC256PZ-12 Datasheet HTML 3Page - Intersil Corporation X28HC256PZ-12 Datasheet HTML 4Page - Intersil Corporation X28HC256PZ-12 Datasheet HTML 5Page - Intersil Corporation X28HC256PZ-12 Datasheet HTML 6Page - Intersil Corporation X28HC256PZ-12 Datasheet HTML 7Page - Intersil Corporation X28HC256PZ-12 Datasheet HTML 8Page - Intersil Corporation X28HC256PZ-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN8108.1
May 17, 2006
DEVICE OPERATION
Read
Read operations are initiated by both OE and CE
LOW. The read operation is terminated by either CE or
OE returning HIGH. This two line control architecture
eliminates bus contention in a system environment.
The data bus will be in a high impedance state when
either OE or CE is HIGH.
Write
Write operations are initiated when both CE and WE
are LOW and OE is HIGH. The X28HC256 supports
both a CE and WE controlled write cycle. That is, the
address is latched by the falling edge of either CE or
WE, whichever occurs last. Similarly, the data is
latched internally by the rising edge of either CE or
WE, whichever occurs first. A byte write operation,
once initiated, will automatically continue to comple-
tion, typically within 3ms.
Page Write Operation
The page write feature of the X28HC256 allows the
entire memory to be written in typically 0.8 seconds.
Page write allows up to one hundred twenty-eight
bytes of data to be consecutively written to the
X28HC256, prior to the commencement of the internal
programming cycle. The host can fetch data from
another device within the system during a page write
operation (change the source address), but the page
address (A7 through A14) for each subsequent valid
write cycle to the part during this operation must be the
same as the initial page address.
The page write mode can be initiated during any write
operation. Following the initial byte write cycle, the
host can write an additional one to one hundred
twenty-seven bytes in the same manner as the first
byte was written. Each successive byte load cycle,
started by the WE HIGH to LOW transition, must begin
within 100µs of the falling edge of the preceding WE. If
a subsequent WE HIGH to LOW transition is not
detected within 100µs, the internal automatic program-
ming cycle will commence. There is no page write win-
dow limitation. Effectively the page write window is
infinitely wide, so long as the host continues to access
the device within the byte load cycle time of 100µs.
Write Operation Status Bits
The X28HC256 provides the user two write operation
status bits. These can be used to optimize a system
write cycle time. The status bits are mapped onto the
I/O bus as shown in Figure 1.
Figure 1. Status Bit Assignment
DATA Polling (I/O7)
The X28HC256 features DATA Polling as a method to
indicate to the host system that the byte write or page
write cycle has completed. DATA Polling allows a sim-
ple bit test operation to determine the status of the
X28HC256. This eliminates additional interrupt inputs or
external hardware. During the internal programming
cycle, any attempt to read the last byte written will pro-
duce the complement of that data on I/O7 (i.e., write
data = 0xxx xxxx, read data = 1xxx xxxx). Once the pro-
gramming cycle is complete, I/O7 will reflect true data.
Toggle Bit (I/O6)
The X28HC256 also provides another method for
determining when the internal write cycle is complete.
During the internal programming cycle I/O6 will toggle
from HIGH to LOW and LOW to HIGH on subsequent
attempts to read the device. When the internal cycle is
complete the toggling will cease, and the device will be
accessible for additional read and write operations.
5
TB
DP
43
21
0
I/O
Reserved
Toggle Bit
DATA Polling
X28HC256


Similar Part No. - X28HC256PZ-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256PZ-12 INTERSIL-X28HC256PZ-12 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
X28HC256PZ-12 INTERSIL-X28HC256PZ-12 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
logo
Renesas Technology Corp
X28HC256PZ-12 RENESAS-X28HC256PZ-12 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256PZ-12

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com