Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80CE558 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P80CE558
Description  Single-chip 8-bit microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CE558 Datasheet(HTML) 2 Page - NXP Semiconductors

  P80CE558 Datasheet HTML 1Page - NXP Semiconductors P80CE558 Datasheet HTML 2Page - NXP Semiconductors P80CE558 Datasheet HTML 3Page - NXP Semiconductors P80CE558 Datasheet HTML 4Page - NXP Semiconductors P80CE558 Datasheet HTML 5Page - NXP Semiconductors P80CE558 Datasheet HTML 6Page - NXP Semiconductors P80CE558 Datasheet HTML 7Page - NXP Semiconductors P80CE558 Datasheet HTML 8Page - NXP Semiconductors P80CE558 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
2
1996 Aug 06
1.
FEATURES
80C51 central processing unit
32 K × 8 ROM respectively FEEPROM (Flash-EEPROM),
expandable externally to 64 Kbytes
ROM/FEEPROM Code protection
1024 × 8 RAM, expandable externally to 64 Kbytes
Two standard 16-bit timer/counters
An additional 16-bit timer/counter coupled to four capture
registers and three compare registers
A 10-bit ADC with eight multiplexed analog inputs and
programmable autoscan
Two 8-bit resolution, pulse width modulation outputs
Five 8-bit I/O ports plus one 8-bit input port shared with analog
inputs
I2C-bus serial I/O port with byte oriented master and slave
functions
Full-duplex UART compatible with the standard 80C51
On-chip watchdog timer
15 interrupt sources with 2 priority levels (2 to 6 external sources
possible)
Extended temperature range (–40 to +85°C)
4.5 to 5.5 V supply voltage range
Frequency range for 80C51-family standard oscillator:
3.5 MHz to 16 MHz
PLL oscillator with 32 kHz reference and software-selectable
system clock frequency
Seconds Timer
Software enable/disable of ALE output pulse
Electromagnetic compatibility improvements
Wake-up from Power-down by external or seconds interrupt
2.
GENERAL DESCRIPTION
The P80CE558/P83CE558/P89CE558 (hereafter generically
referred to as P8xCE558) single-chip 8-bit microcontroller is
manufactured in an advanced CMOS process and is a derivative of
the 80C51 microcontroller family. The P8xCE558 has the same
instruction set as the 80C51. Three versions of the derivative exist:
P83CE558 — 32 Kbytes mask programmable ROM
P80CE558 — ROMless version of the P83CE558
P89CE558 — 32 Kbytes FEEPROM (Flash-EEPROM)
The P8xCE558 contains a non-volatile 32 Kbytes mask
programmable ROM (P83CE558) or electrically erasable FEEPROM
respectively (P89CE558), a volatile 1024
× 8 read/write data
memory, five 8-bit I/O ports, one 8-bit input port, two 16-bit
timer/event counters (identical to the timers of the 80C51), an
additional 16-bit timer coupled to capture and compare latches, a
15-source, two-priority-level, nested interrupt structure, an 8-input
ADC, a dual DAC pulse width modulated interface, two serial
interfaces (UART and I2C-bus), a “watchdog” timer, an on-chip
oscillator and timing circuits. For systems that require extra
capability the P8xCE558 can be expanded using standard TTL
compatible memories and logic.
In addition, the P8xCE558 has two software selectable modes of
power reduction — Idle Mode and power-down mode. The Idle
Mode freezes the CPU while allowing the RAM, timers, serial ports,
and interrupt system to continue functioning. The power-down mode
saves the RAM contents but freezes the oscillator, causing all other
chip functions to be inoperative.
The device also functions as an arithmetic processor having
facilities for both binary and BCD arithmetic as well as bit-handling
capabilities. The instruction set consists of over 100 instructions: 49
one-byte, 45 two-byte, and 17 three- byte. With a 16 MHz system
clock, 58% of the instructions are executed in 0.75
µs and 40% in
1.5
µs. Multiply and divide instructions require 3 µs.


Similar Part No. - P80CE558

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80CE559 PHILIPS-P80CE559 Datasheet
524Kb / 72P
   Single-chip 8-bit microcontroller
1996 Aug 06
P80CE559EBB PHILIPS-P80CE559EBB Datasheet
524Kb / 72P
   Single-chip 8-bit microcontroller
1996 Aug 06
P80CE559EFB PHILIPS-P80CE559EFB Datasheet
524Kb / 72P
   Single-chip 8-bit microcontroller
1996 Aug 06
More results

Similar Description - P80CE558

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com