Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGSL4B60KD1 Datasheet(PDF) 7 Page - International Rectifier

Part # IRGSL4B60KD1
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGSL4B60KD1 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRGSL4B60KD1 Datasheet HTML 3Page - International Rectifier IRGSL4B60KD1 Datasheet HTML 4Page - International Rectifier IRGSL4B60KD1 Datasheet HTML 5Page - International Rectifier IRGSL4B60KD1 Datasheet HTML 6Page - International Rectifier IRGSL4B60KD1 Datasheet HTML 7Page - International Rectifier IRGSL4B60KD1 Datasheet HTML 8Page - International Rectifier IRGSL4B60KD1 Datasheet HTML 9Page - International Rectifier IRGSL4B60KD1 Datasheet HTML 10Page - International Rectifier IRGSL4B60KD1 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.irf.com
7
IRGB4B60KD1PbF, IRGS/SL4B60KD1
Fig. 17 - Typical Diode IRR vs. IF
TJ = 150°C
Fig. 18 - Typical Diode IRR vs. RG
TJ = 150°C; IF = 4.0A
Fig. 20 - Typical Diode QRR
VCC= 400V; VGE= 15V;TJ = 150°C
Fig. 19- Typical Diode IRR vs. diF/dt
VCC= 400V; VGE= 15V;
IF = 4.0A; TJ = 150°C
0
1
2
3
4
5
6
7
8
9
10
IF (A)
1
2
3
4
5
6
7
8
9
10
RG = 100Ω
RG = 200Ω
RG = 330Ω
RG = 470Ω
0
100
200
300
400
500
RG (Ω)
2
3
4
5
6
7
100
150
200
250
300
diF /dt (A/µs)
2
3
4
5
6
7
0
50 100 150 200 250 300 350 400
diF /dt (A/µs)
100
200
300
400
500
600
700
100Ω
200Ω
470Ω
330Ω
4.0A
8.0A
2.0A


Similar Part No. - IRGSL4B60KD1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGSL4B60KD1 IRF-IRGSL4B60KD1 Datasheet
377Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGSL4B60KD1 IRF-IRGSL4B60KD1 Datasheet
376Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH
IRGSL4B60KD1PBF IRF-IRGSL4B60KD1PBF Datasheet
442Kb / 16P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGSL4B60KD1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com