Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80CE558EBB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P80CE558EBB
Description  Single-chip 8-bit microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CE558EBB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P80CE558EBB Datasheet HTML 2Page - NXP Semiconductors P80CE558EBB Datasheet HTML 3Page - NXP Semiconductors P80CE558EBB Datasheet HTML 4Page - NXP Semiconductors P80CE558EBB Datasheet HTML 5Page - NXP Semiconductors P80CE558EBB Datasheet HTML 6Page - NXP Semiconductors P80CE558EBB Datasheet HTML 7Page - NXP Semiconductors P80CE558EBB Datasheet HTML 8Page - NXP Semiconductors P80CE558EBB Datasheet HTML 9Page - NXP Semiconductors P80CE558EBB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
6
4.1
PIN DESCRIPTION
SYMBOL
PIN
DESCRIPTION
AVref–
AVref+
1
2
Low end of analog to digital conversion reference resistor
High end of analog to digital conversion reference resistor.
AVSS1
AVDD1
3
4
Analog ground for ADC
Analog power supply (+5 V) for ADC
AVSS2
AVDD2
77
76
Analog ground; for PLL oscillator
Analog power supply; (+5 V) for PLL oscillator
P5.7 – P5.0
5 – 12
Port 5
8-bit input port
Port pin
Alternative function
P5.0–P5.7
Eight input channels to ADC (ADC0–ADC7)
VDD1, VDD2,
VDD3, VDD4
14, 28,
53, 66
Digital power supply: +5 V power supply pins during normal operation and power reduction modes. All pins
must be connected.
VSS1, VSS2
VSS3, VSS4
13, 29,
54, 67
Digital ground: circuit ground potential. All pins must be connected.
ADEXS
15
Start ADC operation: Input starting analog to digital conversion triggered by a programmable edge (ADC
operation can also be started by software). This pin must not float
PWM0
16
Pulse width modulation output 0
PWM1
17
Pulse width modulation output 1
EW
18
Enable watchdog timer: Enable for T3 watchdog timer and disable Power-down Mode.This pin must not
float.
P4.0 – P4.7
19 – 22
24 – 27
Port 4
8-bit quasi-bidirectional I/O port
Port pin
Alternative function
P4.0
CMSR0 }
P4.1
CMSR1 }
P4.2
CMSR2 } compare and set/reset
P4.3
CMSR3 } outputs on a match with timer T2
P4.4
CMSR4 }
P4.5
CMSR5 }
P4.6
CMT0 } compare and toggle outputs
P4.7
CMT1 }
on a match with timer T2
RSTIN
30
Reset: Input to reset the P8xCE558.
RSTOUT
23
Reset: Output of the P8xCE558 for resetting peripheral devices during initialization and Watchdog Timer
overflow.
P1.0 – P1.7
31 – 38
Port 1
8-bit quasi-bidirectional I/O port
Port pin
Alternative function
P1.0
CT0I/INT2}
P1.1
CT1I/INT3}
:
Capture timer inputs for
P1.2
CT2I/INT4}
timer T2 or external interrupt inputs
P1.3
CT3I/INT5}
P1.4
T2
:
T2 event input, rising edge triggered
P1.5
RT2
:
T2 timer reset input, rising edge triggered
P1.6
P1.7
SCL
39
I2C-bus serial clock I/O port
SDA
40
I2C-bus serial data I/O port
If SCL and SDA are not used, they must be connected to VSS.


Similar Part No. - P80CE558EBB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80CE559 PHILIPS-P80CE559 Datasheet
524Kb / 72P
   Single-chip 8-bit microcontroller
1996 Aug 06
P80CE559EBB PHILIPS-P80CE559EBB Datasheet
524Kb / 72P
   Single-chip 8-bit microcontroller
1996 Aug 06
P80CE559EFB PHILIPS-P80CE559EFB Datasheet
524Kb / 72P
   Single-chip 8-bit microcontroller
1996 Aug 06
More results

Similar Description - P80CE558EBB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com