Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80CE559EFB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P80CE559EFB
Description  Single-chip 8-bit microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CE559EFB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P80CE559EFB Datasheet HTML 4Page - NXP Semiconductors P80CE559EFB Datasheet HTML 5Page - NXP Semiconductors P80CE559EFB Datasheet HTML 6Page - NXP Semiconductors P80CE559EFB Datasheet HTML 7Page - NXP Semiconductors P80CE559EFB Datasheet HTML 8Page - NXP Semiconductors P80CE559EFB Datasheet HTML 9Page - NXP Semiconductors P80CE559EFB Datasheet HTML 10Page - NXP Semiconductors P80CE559EFB Datasheet HTML 11Page - NXP Semiconductors P80CE559EFB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE559/P80CE559
Single-chip 8-bit microcontroller
1996 Aug 06
8
5.
ELECTROMAGNETICS COMPATIBILITY (EMC)
IMPROVEMENTS
Primary attention was paid on the reduction of electromag– netic
emission of the microcontroller P8xCE559.
The following features effect in reducing the electromag– netic
emission and additionally improve the electromagnetic susceptibility:
Four supply voltage pins (V
DD) and four ground pins (VSS) with
pairs of VDD and VSS at two adjacent pins at each side of the
package.
Separated V
DD pins for the internal logic and the port buffers
Internal decoupling capacitance improves the EMC radiation
behavior and the EMC immunity
External capacitors are to be located as close as possible
between pins VDD1 and VSS1, VDD2 and VSS2, VDD3 and VSS3 as
well as VDD4 and VSS4 ; ceramic chip capacitors are
recommended (100nF).
The ALE output signal (pulses at a frequency off
CLK/6) can be
disabled under software control (bit 5 in the SFR PCON: “RFI”); if
disabled, no ALE pulse will occur. ALE pin will be pulled down
internally, switching an external address latch to a quiet state. The
MOVX instruction will still toggle ALE (external data memory is
accessed). ALE will retain its normal HIGH value during Idle Mode
and a LOW value during Power-down mode while in the “RFI”
reduction mode. Additionally during internal access (EA = 1) ALE
will toggle normally when the address exceeds the internal
program memory size. During external access (EA = 0) ALE will
always toggle normally, whether the flag “RFI” is set or not.
6.
FUNCTIONAL DESCRIPTION
6.1
General
The P8xCE559 is a stand–alone high–performance microcontroller
designed for use in real time applications such as instrumentation,
industrial control, medium to high–end consumer applications and
specific automotive control applications.
In addition to the 80C51 standard functions, the device provides a
number of dedicated hardware functions for these applications.
The P8xCE559 is a control–oriented CPU with on–chip program and
data memory. It can be extended with external program memory up
to 64 Kbytes. It can also access up to 64 Kbytes of external data
memory. For systems requiring extra capability, the P8xCE559 can
be expanded using standard memories and peripherals.
The P8xCE559 has two software selectable modes of reduced
activity for further power reduction – Idle and Power–down. The Idle
Mode freezes the CPU while allowing the RAM, timers, serial ports
and interrupt system to continue functioning. The Power–down
Mode saves the RAM contents but freezes the oscillator causing all
other chip functions to be inoperative.The Power–down Mode can
be terminated by an external Reset, by the seconds interrupt and by
any one of the two external interrupts. (see description Wake–up
from Power–down Mode).
Program Memory
64 K
DIRECT AND
INDIRECT
Internal
Data Memory
External
64 K
Internal
(EA = 1)
External
(EA = 0)
255
127
0
Special
Function
Registers
Overlapped
Space
0
External
Data Memory
49152
49151
0
INDIRECT
ONLY
0
49151
1280
(ARD = 1)
(ARD = 0)
AUXILIARY
RAM
Figure 4. Memory map & address space.
1280 bytes


Similar Part No. - P80CE559EFB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80CE558 PHILIPS-P80CE558 Datasheet
721Kb / 72P
   Single-chip 8-bit microcontroller
1996 Aug 06
P80CE558EBB PHILIPS-P80CE558EBB Datasheet
721Kb / 72P
   Single-chip 8-bit microcontroller
1996 Aug 06
P80CE558EFB PHILIPS-P80CE558EFB Datasheet
721Kb / 72P
   Single-chip 8-bit microcontroller
1996 Aug 06
More results

Similar Description - P80CE559EFB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com