Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83CL781HFH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P83CL781HFH
Description  Low voltage 8-bit microcontrollers with UART and I2C-bus
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL781HFH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P83CL781HFH Datasheet HTML 6Page - NXP Semiconductors P83CL781HFH Datasheet HTML 7Page - NXP Semiconductors P83CL781HFH Datasheet HTML 8Page - NXP Semiconductors P83CL781HFH Datasheet HTML 9Page - NXP Semiconductors P83CL781HFH Datasheet HTML 10Page - NXP Semiconductors P83CL781HFH Datasheet HTML 11Page - NXP Semiconductors P83CL781HFH Datasheet HTML 12Page - NXP Semiconductors P83CL781HFH Datasheet HTML 13Page - NXP Semiconductors P83CL781HFH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
1997 Mar 14
10
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART and I2C-bus
P83CL781; P83CL782
PSEN
29
26
Program Store Enable: Read strobe to external Program Memory. When
executing code out of external Program Memory, PSEN is activated twice each
machine cycle. However, during each access to external Data Memory two
PSEN activations are skipped.
ALE
30
27
Address Latch Enable: Latches the low byte of the address during accesses to
external memory. It is activated every six oscillator periods and may be used for
external timing or clocking purposes.
n.c.
28
Not connected.
EA
31
29
External Access: When EA is held HIGH, the CPU executes out of the internal
Program Memory (unless the Program Counter exceeds 3FFFH). When EA is
held LOW, the CPU executes out of external Program Memory regardless of the
value of the program counter.
P0.7/AD7
32
30
• Port 0: 8-bit open-drain bidirectional I/O port (P0.7 to P0.0). As an open-drain
output port it can sink/source 8 LS TTL loads. Port 0 pins that have logic 1s
written to them float, and in this state will function as high-impedance inputs.
• Low-order addressing: AD7 to AD0 provide the multiplexed low-order
address and data bus during accesses to external memory. In this application
the pins use the strong internal pull-ups when emitting logic 1s.
P0.6/AD6
33
31
P0.5/AD5
34
32
P0.4/AD4
35
33
P0.3/AD3
36
34
P0.2/AD2
37
35
P0.1/AD1
38
36
P0.0/AD0
39
37
VDD
40
38
Power supply.
n.c.
39
Not connected.
SYMBOL
PIN
DESCRIPTION
DIP40
QFP44


Similar Part No. - P83CL781HFH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83CL410 PHILIPS-P83CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFD PHILIPS-P83CL410HFD Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFN PHILIPS-P83CL410HFN Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
More results

Similar Description - P83CL781HFH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80CL580 PHILIPS-P80CL580 Datasheet
366Kb / 80P
   Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
1997 Mar 14
P80CL410 PHILIPS-P80CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P80CL31 PHILIPS-P80CL31 Datasheet
305Kb / 68P
   Low voltage 8-bit microcontrollers with UART
1997 Apr 15
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCF8570 PHILIPS-PCF8570 Datasheet
140Kb / 20P
   256 x 8-bit static low-voltage RAM with I2C-bus interface
1999 Jan 06
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
   Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
   8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com