Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2541STRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS2541STRPBF
Description  LED BUCK REGULATOR CONTROL IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2541STRPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS2541STRPBF Datasheet HTML 3Page - International Rectifier IRS2541STRPBF Datasheet HTML 4Page - International Rectifier IRS2541STRPBF Datasheet HTML 5Page - International Rectifier IRS2541STRPBF Datasheet HTML 6Page - International Rectifier IRS2541STRPBF Datasheet HTML 7Page - International Rectifier IRS2541STRPBF Datasheet HTML 8Page - International Rectifier IRS2541STRPBF Datasheet HTML 9Page - International Rectifier IRS2541STRPBF Datasheet HTML 10Page - International Rectifier IRS2541STRPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IRS254(0,1)(S)PbF
www.irf.com
Page 7
Functional Description
Operating Mode
The IRS254(0,1) operates as a time-delayed
hysteritic buck controller. During normal operating
conditions the output current is regulated via the IFB
pin voltage (nominal value of 500 mV).
This
feedback is compared to an internal high precision
bandgap voltage reference. An on-board dV/dt filter
has
also
been
used
to
ignore
erroneous
transitioning.
Once the supply to the IC reaches VCCUV+, the LO
output is held high and the HO output low for a
predetermined period of time. This initiates charging
of the bootstrap capacitor, establishing the VBS
floating supply for the high-side output. The IC then
begins toggling HO and LO outputs as needed to
regulate the current.
Fig.1 IRS254(0,1) Control Signals, Iavg=1.2 A
As long as VIFB is below VIFBTH, HO is on, modulated
by the watchdog timer described below, the load is
receiving current from VBUS, which simultaneously
stores energy in the inductor, as VIFB increases,
unless the load is open. Once VIFB crosses VIFBTH,
the control loop switches HO off after the delay
tHO,OFF. Once HO is off, LO will turn on after the
deadtime (DT), the inductor releases the stored
energy into the load and VIFB starts decreasing.
When VIFB crosses VIFBTH again, the control loop
switches HO on after the delay tHO,ON and LO off
after the delay tHO,ON + DT. The switching continues
to regulate the current at an average value
determined as follows. When the inductance value
is large enough to maintain a low ripple on IFB, Iout,avg
can be calculated:
RCS
VIFBTH
avg
Iout
=
)
(
(A)
(B)
Fig.2 (A) Storing Energy in Inductor
(B) Releasing Inductor Stored Energy
t_LO_on
t_HO_off
DT1
IFBTH
50%
50%
50%
50%
t_LO_off
DT2
t_HO_on
HO
LO
IFB
50%
Fig.3 IRS254(0,1) Time Delayed Hysterisis
The control method is based upon a free running
frequency, in constrast to a more widely used fixed
frequency regulation. This reduces the part count
since there is no need for frequency setting
components and also provides an inherently stable
sytem, which acts as a current source.
A deadtime of approximately 140 ns between the
two gate drive signals is necessary to prevent a
“shoot-through” condition. At higher frequencies, the
switching losses become very large in the absence
of this deadtime. The deadtime has been adjusted to
maintain precise current regulation, while still
preventing shoot-through.
HO
LO
Iout


Similar Part No. - IRS2541STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25411 IRF-IRS25411 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25411PBF IRF-IRS25411PBF Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25411S IRF-IRS25411S Datasheet
501Kb / 2P
   High-Voltage Buck Control ICs for Constant LED Current Regulation
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
   Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
logo
International Rectifier
IRS25411SPBF IRF-IRS25411SPBF Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
More results

Similar Description - IRS2541STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25401PBF IRF-IRS25401PBF_15 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25401 IRF-IRS25401 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com