Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2164A51V Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC2164A51V
Description  CMOS Low Power Consumption
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164A51V Datasheet(HTML) 4 Page - Torex Semiconductor

  XC2164A51V Datasheet HTML 1Page - Torex Semiconductor XC2164A51V Datasheet HTML 2Page - Torex Semiconductor XC2164A51V Datasheet HTML 3Page - Torex Semiconductor XC2164A51V Datasheet HTML 4Page - Torex Semiconductor XC2164A51V Datasheet HTML 5Page - Torex Semiconductor XC2164A51V Datasheet HTML 6Page - Torex Semiconductor XC2164A51V Datasheet HTML 7Page - Torex Semiconductor XC2164A51V Datasheet HTML 8Page - Torex Semiconductor XC2164A51V Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1686
XC2164 Series
PARAMETER
SYMBOL
CONDITIONS
UNITS
Supply Voltage
VDD
VSS - 0.3 ~ VSS + 7.0
V
Input Voltage
VIN
VSS - 0.3 ~ VDD + 0.3
V
Power Dissipation
Pd
250*
mW
Operating Temperature Range
Topr
- 40 ~ + 85
- 65 ~ + 150 (Chip Form)
Storage Temperature Range
Tstg
- 55 ~ + 125 (SOT-26)
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
** When implemented on a glass epoxy PCB. (SOT-26 package)


Similar Part No. - XC2164A51V

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164A51V TOREX-XC2164A51V Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2164A51VCF TOREX-XC2164A51VCF Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51VCL TOREX-XC2164A51VCL Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51VCR TOREX-XC2164A51VCR Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51VCT TOREX-XC2164A51VCT Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2164A51V

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com