Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2164K51T Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC2164K51T
Description  CMOS Low Power Consumption
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164K51T Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC2164K51T Datasheet HTML 2Page - Torex Semiconductor XC2164K51T Datasheet HTML 3Page - Torex Semiconductor XC2164K51T Datasheet HTML 4Page - Torex Semiconductor XC2164K51T Datasheet HTML 5Page - Torex Semiconductor XC2164K51T Datasheet HTML 6Page - Torex Semiconductor XC2164K51T Datasheet HTML 7Page - Torex Semiconductor XC2164K51T Datasheet HTML 8Page - Torex Semiconductor XC2164K51T Datasheet HTML 9Page - Torex Semiconductor XC2164K51T Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1688
XC2164 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
2.50
3.30
3.63
V
"H" Level Input Voltage
VIH
2.4
-
-
V
"L" Level Input Voltage
VIL
-
-
0.4
V
"H" Level Output Voltage
VOH
CMOS: 2.97V, IOH=-8mA
2.5
-
-
V
"L" Level Output Voltage
VOL
CMOS: 2.97V, IOH=8mA
-
-
0.4
V
XC2164A51T
-
4
(6.5)
XC2164A51V
-
5
(8)
XC2164K51T
-
4
(6.5)
Supply Current 1
IDD1
/INH=Open,
Q0=Open,
f=30MHz
XC2164K51V
-
5
(8)
mA
XC2164A51T
-
2
(4)
XC2164A51V
-
2
(4)
μ
A
XC2164K51T
-
(T.B.D.*) (T.B.D.*)
Supply Current 2
IDD2
/INH="L",
Q0=Open,
f=30MHz
XC2164K51V
-
(T.B.D.*) (T.B.D.*)
mA
Input Pull-Up Resistance 1
Rup1
/INH="L"
1.0
2.0
4.0
Input Pull-Up Resistance 2
Rup2
/INH=0.7 VDD
35
70
140
Internal Oscillation
Feedback Resistance
Rf
-
7.0
-
Output Disable
Leakage Current
IOZ
/INH="L"
-
-
10
μ
A
OSCILLATION FREQUENCY vs. SUPPLY VOLTAGE
NEGATIVE RESISTANCE VALUE
SYMBOL
VDD=3.3V±10%
VDD=5.0V±10%
VDD=3.3V
VDD=5.0V
M
±
4.3ppm
±
4.5ppm
-130Ω
-220Ω
V
±
1.2ppm
±
2.1ppm
-150Ω
-250Ω
T
±
9.4ppm
±
7.0ppm
-660Ω
-760Ω
Comparative Chart of Oscillation Frequency vs. Supply Voltage, and Negative Resistance Value
3.3V operation (unless otherwise stated, VDD=3.3V, No Load, Ta=-30~+80℃)
ELECTRICAL CHARACTERISTICS (Continued)
XC2164A51T, V / XC2164K51T, V (Fundamental)
* T.B.D.: To be determined
(The designed value when 30MHz crystal is used.)


Similar Part No. - XC2164K51T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164K51TCF TOREX-XC2164K51TCF Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164K51TCL TOREX-XC2164K51TCL Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164K51TCR TOREX-XC2164K51TCR Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164K51TCT TOREX-XC2164K51TCT Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164K51TMF TOREX-XC2164K51TMF Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2164K51T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com