Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6109N0XXNX Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6109N0XXNX
Description  Voltage Detector with External Delay Type Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6109N0XXNX Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6109N0XXNX Datasheet HTML 2Page - Torex Semiconductor XC6109N0XXNX Datasheet HTML 3Page - Torex Semiconductor XC6109N0XXNX Datasheet HTML 4Page - Torex Semiconductor XC6109N0XXNX Datasheet HTML 5Page - Torex Semiconductor XC6109N0XXNX Datasheet HTML 6Page - Torex Semiconductor XC6109N0XXNX Datasheet HTML 7Page - Torex Semiconductor XC6109N0XXNX Datasheet HTML 8Page - Torex Semiconductor XC6109N0XXNX Datasheet HTML 9Page - Torex Semiconductor XC6109N0XXNX Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6/13
XC6109 Series
SYMBOL
E-1
E-2
E-3
SETTING
OUTPUT
VOLTAGE
(V)
DETECT VOLTAGE (*1)
(V)
OUTPUT CURRENT
(mA)
OUTPUT CURRENT (*2)
(mA)
VDF
IOUT1
IOUT2
VDF(T)
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
0.8
0.770
0.800
0.830
0.9
0.870
0.900
0.930
1.0
0.970
1.000
1.030
0.01
0.36
0.70
-0.40
-0.20
-0.01
1.1
1.070
1.100
1.130
1.2
1.170
1.200
1.230
1.3
1.270
1.300
1.330
1.4
1.370
1.400
1.430
0.10
0.70
1.30
-0.60
-0.30
-0.08
1.5
1.470
1.500
1.530
1.6
1.568
1.600
1.632
1.7
1.666
1.700
1.734
1.8
1.764
1.800
1.836
1.9
1.862
1.900
1.938
0.30
1.00
1.80
-0.80
-0.40
-0.14
2.0
1.960
2.000
2.040
2.1
2.058
2.100
2.142
2.2
2.156
2.200
2.244
2.3
2.254
2.300
2.346
2.4
2.352
2.400
2.448
2.5
2.450
2.500
2.550
2.6
2.548
2.600
2.652
2.7
2.646
2.700
2.754
2.8
2.744
2.800
2.856
2.9
2.842
2.900
2.958
0.60
1.60
2.60
-1.00
-0.50
-0.20
3.0
2.940
3.000
3.060
3.1
3.038
3.100
3.162
3.2
3.136
3.200
3.264
3.3
3.234
3.300
3.366
3.4
3.332
3.400
3.468
3.5
3.430
3.500
3.570
3.6
3.528
3.600
3.672
3.7
3.626
3.700
3.774
3.8
3.724
3.800
3.876
3.9
3.822
3.900
3.978
1.00
2.00
3.10
-1.20
-0.60
-0.40
4.0
3.920
4.000
4.080
4.1
4.018
4.100
4.182
4.2
4.116
4.200
4.284
4.3
4.214
4.300
4.386
4.4
4.321
4.400
4.488
4.5
4.410
4.500
4.590
4.6
4.508
4.600
4.692
4.7
4.606
4.700
4.794
4.8
4.704
4.800
4.896
4.9
4.802
4.900
4.998
5.0
4.900
5.000
5.100
1.30
2.30
3.30
-1.30
-0.65
-0.60
VOLTAGE CHART
NOTE:
*1: When VDF(T)≦1.4V, the detection accuracy is ±30mV. When VDF(T)≧1.5V, the detection accuracy is ±2%.
*2: This numerical value is applied only to the XC6109C series (CMOS output).


Similar Part No. - XC6109N0XXNX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109N08ANL TOREX-XC6109N08ANL Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XC6109N08ANR TOREX-XC6109N08ANR Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XC6109N09ANL TOREX-XC6109N09ANL Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XC6109N09ANR TOREX-XC6109N09ANR Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
More results

Similar Description - XC6109N0XXNX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109_005 TOREX-XC6109_005 Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
logo
Texas Instruments
BQ771600 TI1-BQ771600_15 Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
   0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com