Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6202P5 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6202P5
Description  High Voltage positive Voltage Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202P5 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6202P5 Datasheet HTML 1Page - Torex Semiconductor XC6202P5 Datasheet HTML 2Page - Torex Semiconductor XC6202P5 Datasheet HTML 3Page - Torex Semiconductor XC6202P5 Datasheet HTML 4Page - Torex Semiconductor XC6202P5 Datasheet HTML 5Page - Torex Semiconductor XC6202P5 Datasheet HTML 6Page - Torex Semiconductor XC6202P5 Datasheet HTML 7Page - Torex Semiconductor XC6202P5 Datasheet HTML 8Page - Torex Semiconductor XC6202P5 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
181
XC6202 ETR0302_001.doc
CMOS Low Power Consumption
Operational Voltage Range : Up to 20V
Dropout Voltage
: 200mV@30mA
670mV@100mA
Maximum Output Current : More Than 150mA
Highly Accurate
: ±2%
Output Voltage Range
: 1.8V ~ 18.0V
Current Limiter Circuit Built-In
SOT-23 / SOT-89 / TO-92 / SOT-223 /
USP-6B Package
Low ESR Capacitors Compatible
GENERAL DESCRIPTION
The XC6202 series are highly precise, low power consumption,
high voltage, positive voltage regulators manufactured using
CMOS and laser trimming technologies. The XC6202 consists of
a current limiter circuit, a driver transistor, a precision reference
voltage and an error correction circuit.
Output voltage is selectable in 100mV steps from 1.8V ~ 18V.
The series is also compatible with low ESR ceramic capacitors
which give added output stability.
Since the current limiter circuit is built-in, the IC is protected
against overshoot currents at such times of output shorts etc.
SOT-23 (150mW), SOT-89 (500mW), TO-92 (300mW),
SOT-223 (1200mW) and USP-6B (100mW) packages are
available.
APPLICATIONS
Battery powered equipment
Reference voltage
Cameras, video cameras
Palmtops
TYPICAL APPLICATION CIRCUIT
FEATURES
Maximum Output Current : 150mA
Dropout Voltage
: 200mV @ 30mA
Operational Voltage Range : Up to 20V
Output Voltage Range
: 1.8V ~ 18V
(Selectable in 100mV steps)
Highly Accurate
:±2%
Low Power Consumption : 10μA (TYP.) (VOUT=3.3V)
Operational Temperature Range
: -40℃ ~ 85℃
Line Regulation
: 0.01% / V (TYP.)
Ultra Small Packages
: SOT-23 (150mW),
SOT-89 (500mW),
TO-92 (300mW),
SOT-223 (1200mW),
USP-6B (100mW)
Low ESR Capacitor Compatible
: Ceramic capacitor
TYPICAL PERFORMANCE
CHARACTERISTICS


Similar Part No. - XC6202P5

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6202P502 TOREX-XC6202P502 Datasheet
265Kb / 25P
   (High Voltage) Positive Voltage Regulators
XC6202P502DB TOREX-XC6202P502DB Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202P502DH TOREX-XC6202P502DH Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202P502DL TOREX-XC6202P502DL Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202P502DR TOREX-XC6202P502DR Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
More results

Similar Description - XC6202P5

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6202_001 TOREX-XC6202_001 Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202 TOREX-XC6202 Datasheet
265Kb / 25P
   (High Voltage) Positive Voltage Regulators
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com