Electronic Components Datasheet Search |
|
XC6209C30AD Datasheet(PDF) 3 Page - Torex Semiconductor |
|
XC6209C30AD Datasheet(HTML) 3 Page - Torex Semiconductor |
3 / 25 page 3/25 XC6209/6212 Series DESIGNATOR DESCRIPTION SYMBOL DESCRIPTION A/E : High Active (pull-down resistor built-in, semi-custom) B/F : High Active (no pull-down resistor built-in, standard) C/G : Low Active (pull-up resistor built-in, semi-custom) ① (*1) Type of Regulator CE Pin Logic D/H : Low Active (no pull-up resistor built-in, standard) ② ③ Output Voltage 09~60 : e.g. 20:2.0V, 30:3.0V, 2 : 100mV increments, ±2% accuracy (*2) e.g. ②=2, ③=8, ④=2 → 2.80V, ±2% 1 : 100mV increments, ±1% accuracy (*2) e.g. ②=2, ③=8, ④=1 → 2.80V, ±1% A : 50mV increments, ±2% accuracy (*2) e.g. ②=2, ③=8, ④=A → 2.85V, ±2% ④ Output Voltage Accuracy B : 50mV increments, ±1% accuracy (*2) e.g. ②=2, ③=8, ④=B → 2.85V, ±1% M : SOT-25 (SOT-23-5) P : SOT-89-5 (for XC6209 series only) ⑤ Packages D : USP-6B (for XC6209 series only) R : Embossed tape, standard feed ⑥ Device Orientation L : Embossed tape, reverse feed ■ PRODUCT CLASSIFICATION ● Selection Guide The following options for the CE pin logic and internal pull-up/down are available: High Active + no pull-down resistor built-in (standard) High Active+ 2MΩ pull-down resistor built-in <between CE-VSS> (semi-custom) Low Active + no pull-up resistor built-in (semi-custom) Low Active + 2MΩ pull-up resistor built-in <between VIN-CE> (semi-custom) Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 2MΩ (TYP.). ● Ordering Information (*1) Maximum output current of E to H series depend on the setting voltage. (*2) Within ±30mV (VOUT ≦ 1.5V) XC6209/12①②③④⑤⑥ |
Similar Part No. - XC6209C30AD |
|
Similar Description - XC6209C30AD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |