Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS3X19MX Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC25BS3X19MX
Description  CMOS Low Power Consumption
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS3X19MX Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC25BS3X19MX Datasheet HTML 2Page - Torex Semiconductor XC25BS3X19MX Datasheet HTML 3Page - Torex Semiconductor XC25BS3X19MX Datasheet HTML 4Page - Torex Semiconductor XC25BS3X19MX Datasheet HTML 5Page - Torex Semiconductor XC25BS3X19MX Datasheet HTML 6Page - Torex Semiconductor XC25BS3X19MX Datasheet HTML 7Page - Torex Semiconductor XC25BS3X19MX Datasheet HTML 8Page - Torex Semiconductor XC25BS3X19MX Datasheet HTML 9Page - Torex Semiconductor XC25BS3X19MX Datasheet HTML 10Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
XC25BS3 Series
XC25BS30xxMR (Continued)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
Input Frequency
fCLKin
10.000
16.000
MHz
Q0 Pin Output Multiplier Ratio
N/M
3.000
Multiplier
Output Frequency 1
fQ0
30.000
48.000
MHz
Output Frequency 2
Q1
GND
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.97
3.30
3.63
V
Input Voltage "High"
VIH
2.7
V
Input Voltage "Low"
VIL
0.6
V
Input Current "High"
IIH
VCK=3.3V
3.0
μ
A
Input Current "Low"
IIL
VCK=0V
-3.0
μ
A
Output Voltage "High"
VOH
VDD=2.97V, IOH=-8mA
2.5
V
Output Voltage "Low"
VOL
VDD=2.97V, IOL=8mA
0.4
V
Supply Current 1
IDD1
CE=3.3V
4.0
8.0
mA
Supply Current 2
IDD2
CE=0V
5.0
μ
A
CE "High" Voltage
VCEH
2.70
V
CE "Low" Voltage
VCEL
0.45
V
CE Pull-Down Resistance 1
Rp1
CE=3.3V
0.5
1.5
2.5
CE Pull-Down Resistance 2
Rp2
CE=0.3V
20.0
50.0
80.0
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Rise Time
TTLH
VDD=3.3V (20% to 80%) (*2)
5.0
ns
Output Fall Time
TTHL
VDD=3.3V (20% to 80%) (*2)
5.0
ns
Duty Ratio
DUTY
40
50
60
%
Output Start Time
Ton
(*2)
20
ms
PLL Output Jitter
Tj
1σ(*2)
60
ps
fCLKin=16MHz, Q0 pin output multiplier ratio=3, Ta=25℃, No Load
DC Characteristics
XC25BS30xxMR
AC Characteristics
XC25BS30xxMR
fCLKin=16MHz, Q0 pin output multiplier ratio=3, Ta=25℃, CL=15pF
*2 R&D guarantee
Set Value (example 2)
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC25BS3X19MX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5 TOREX-XC25BS5 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS5 TOREX-XC25BS5 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5001DL TOREX-XC25BS5001DL Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
More results

Similar Description - XC25BS3X19MX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com