Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6202PG Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6202PG
Description  High Voltage positive Voltage Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202PG Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6202PG Datasheet HTML 3Page - Torex Semiconductor XC6202PG Datasheet HTML 4Page - Torex Semiconductor XC6202PG Datasheet HTML 5Page - Torex Semiconductor XC6202PG Datasheet HTML 6Page - Torex Semiconductor XC6202PG Datasheet HTML 7Page - Torex Semiconductor XC6202PG Datasheet HTML 8Page - Torex Semiconductor XC6202PG Datasheet HTML 9Page - Torex Semiconductor XC6202PG Datasheet HTML 10Page - Torex Semiconductor XC6202PG Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
187
XC6202
Series
MARK
PRODUCT SERIES
P
XC6202Pxxxxx
MARK
VOLTAGE (V)
PRODUCT SERIES
MARK
VOLTAGE (V)
PRODUCT SERIES
1
1.x
XC6202P1xxxx
A
10.x
XC6202PAxxxx
2
2.x
XC6202P2xxxx
B
11.x
XC6202PBxxxx
3
3.x
XC6202P3xxxx
C
12.x
XC6202PCxxxx
4
4.x
XC6202P4xxxx
D
13.x
XC6202PDxxxx
5
5.x
XC6202P5xxxx
E
14.x
XC6202PExxxx
6
6.x
XC6202P6xxxx
F
15.x
XC6202PFxxxx
7
7.x
XC6202P7xxxx
G
16.x
XC6202PGxxxx
8
8.x
XC6202P8xxxx
H
17.x
XC6202PHxxxx
9
9.x
XC6202P9xxxx
J
18.x
XC6202PJxxxx
MARK
VOLTAGE (V)
PRODUCT SERIES
3
x.3
XC6202Px3xxx
0
x.0
XC6202Px0xxx
MARK
DETECT VOLTAGE ACCURACY
PRODUCT SERIES
2
within ±2%
XC6202Pxx2xx
1
within ±1%
XC6202Pxx1xx
MARK
PRODUCTION YEAR
3
2003
4
2004
TO-92 (T TYPE)
Represents type of regulator
Represents a least significant digit of production year
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
Note: No character inversion used.
Represents integer of the output voltage
Represents detect voltage accuracy
Represents decimal number of output voltage
MARKING RULE(Continued)


Similar Part No. - XC6202PG

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6202PG02DB TOREX-XC6202PG02DB Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202PG02DH TOREX-XC6202PG02DH Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202PG02DL TOREX-XC6202PG02DL Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202PG02DR TOREX-XC6202PG02DR Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202PG02FB TOREX-XC6202PG02FB Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
More results

Similar Description - XC6202PG

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6202_001 TOREX-XC6202_001 Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202 TOREX-XC6202 Datasheet
265Kb / 25P
   (High Voltage) Positive Voltage Regulators
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com