Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6672A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDD6672A
Description  30V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6672A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD6672A_01 Datasheet HTML 1Page - Fairchild Semiconductor FDD6672A_01 Datasheet HTML 2Page - Fairchild Semiconductor FDD6672A_01 Datasheet HTML 3Page - Fairchild Semiconductor FDD6672A_01 Datasheet HTML 4Page - Fairchild Semiconductor FDD6672A_01 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDD6672A Rev C(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
20
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 12 V, VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –12 V VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
0.8
1.2
2.0
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
-4
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V, ID = 13 A
VGS = 4.5 V, ID = 13 A, TJ=125
°C
VGS = 10 V, ID = 14 A
8.2
11.5
6.8
9.5
16
8
m
ID(on)
On–State Drain Current
VGS = 10 V, VDS = 5 V
50
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 15 A
75
S
Dynamic Characteristics
Ciss
Input Capacitance
5070
pF
Coss
Output Capacitance
550
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V, V GS = 0 V,
f = 1.0 MHz
230
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
17
25
ns
tr
Turn–On Rise Time
18
25
ns
td(off)
Turn–Off Delay Time
69
100
ns
tf
Turn–Off Fall Time
VDD = 10 V, ID = 1 A,
VGS = 4.5 V, RGEN = 6
29
42
ns
Qg
Total Gate Charge
33
46
nC
Qgs
Gate–Source Charge
7.5
nC
Qgd
Gate–Drain Charge
VDS = 15 V, ID = 15 A,
VGS = 4.5 V
6.8
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.7
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 2.7 A
(Note 2)
0.7
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the drain tab. RθJC is guaranteed
by design while RθCA is determined by the user's board design.
a) RθJA= 40
oC/W when
mounted on a 1in2 pad of
2oz copper.
b) RθJA= 96
oC/W on a
minimum mounting pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - FDD6672A_01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD6672A ISC-FDD6672A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD6672A_01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com