Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3866A Datasheet(PDF) 1 Page - Advanced Power Technology

Part # 2N3866A
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

2N3866A Datasheet(HTML) 1 Page - Advanced Power Technology

  2N3866A Datasheet HTML 1Page - Advanced Power Technology 2N3866A Datasheet HTML 2Page - Advanced Power Technology 2N3866A Datasheet HTML 3Page - Advanced Power Technology 2N3866A Datasheet HTML 4Page - Advanced Power Technology 2N3866A Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N3866.PDF 10-28-02
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
2N3866 / 2N3866A
DESCRIPTION:
Silicon NPN transistor, designed for VHF and UHF equipment. Applications include amplifier; pre-driver, driver, and
output stages. Also suitable for oscillator and frequency-multiplier functions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter
30
Vdc
VCBO
Collector-Base Voltage
55
Vdc
VEBO
Emitter-Base Voltage
3.5
Vdc
IC
Collector Current
400
mA
Thermal Data
P
D
Total Device Dissipation
Derate above 25º C
5.0
28.6
Watts
mW/ º C
1. Emitter
2. Base
3. Collector
TO-39
Features
• Silicon NPN, To-39 packaged VHF/UHF Transistor
• Specified 400 MHz, 28Vdc Characteristics
- Output Power = 1.0 Watt
- Minimum Gain = 10 dB
- Efficiency = 45%
• 800 MHz Current-Gain Bandwidth Product
RF & MICROWAVE DISCRETE
LOW POWER TRANSISTORS


Similar Part No. - 2N3866A

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3866A SEMICOA-2N3866A Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
logo
Central Semiconductor C...
2N3866A CENTRAL-2N3866A Datasheet
665Kb / 9P
   NPN - RF Transistor Die 0.4 Amp, 30 Volt
R0 22-February 2017
logo
Semicoa Semiconductor
2N3866A SEMICOA-2N3866A Datasheet
43Kb / 2P
   Type 2N3866A Geometry 1007 Polarity NPN
logo
Central Semiconductor C...
2N3866A CENTRAL-2N3866A Datasheet
624Kb / 8P
   PNP - RF Transistor Die 0.4 Amp, 40 Volt
R0 25-July 2016
logo
Microsemi Corporation
2N3866A MICROSEMI-2N3866A Datasheet
331Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - 2N3866A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Microsemi Corporation
MRF581 MICROSEMI-MRF581_08 Datasheet
162Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BFR96 NJSEMI-BFR96 Datasheet
81Kb / 3P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com