Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDFMA2P853 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDFMA2P853
Description  Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDFMA2P853 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDFMA2P853_06 Datasheet HTML 1Page - Fairchild Semiconductor FDFMA2P853_06 Datasheet HTML 2Page - Fairchild Semiconductor FDFMA2P853_06 Datasheet HTML 3Page - Fairchild Semiconductor FDFMA2P853_06 Datasheet HTML 4Page - Fairchild Semiconductor FDFMA2P853_06 Datasheet HTML 5Page - Fairchild Semiconductor FDFMA2P853_06 Datasheet HTML 6Page - Fairchild Semiconductor FDFMA2P853_06 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2006 Fairchild Semiconductor Corporation
FDFMA2P853 Rev. D (W)
1
FDFMA2P853
Integrated P-Channel PowerTrench® MOSFET and Schottky Diode
General Description
Features
This device is designed specifically as a single package
solution for the battery charge switch in cellular handset
and other ultra-portable applications. It features a MOSFET
with low on-state resistance and an independently
connected low forward voltage schottky diode for minimum
conduction losses.
The MicroFET 2x2 package offers exceptional thermal
performance for it's physical size and is well suited to linear
mode applications.
MOSFET:
-3.0 A, -20V. RDS(ON) = 120 m
@ VGS = -4.5 V
RDS(ON) = 160 m
@ VGS = -2.5 V
RDS(ON) = 240 m
@ VGS = -1.8 V
Schottky:
VF < 0.46 V @ 500 mA
Low Profile - 0.8 mm maximun - in the new package
MicroFET 2x2 mm
RoHS Compliant
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
MOSFET Drain-Source Voltage
-20
V
VGSS
MOSFET Gate-Source Voltage
8V
ID
Drain Current -Continuous
(Note 1a)
-Pulsed
-2.2
A
-6
VRRM
Schottky Repetitive Peak Reverse voltage
30V
IO
Schottky Average Forward Current
(Note 1a)
1
A
PD
Power dissipation for Single Operation
(Note 1a)
Power dissipation for Single Operation
(Note 1b)
1.4
W
0.7
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
oC
R JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
86
oC/W
R JA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
173
R JA
Thermal Resistance, Junction-to-Ambient
(Note 1c)
86
R JA
Thermal Resistance, Junction-to-Ambient
(Note 1d)
140
Device Marking
Device
Reel Size
Tape Width
Quantity
.853
FDFMA2P853
7inch
8mm
3000 units
5
1
6
2
3
4
MicroFET
C
A
G
NC D
S
PIN
C
G
S
A
NC
D
C
D
July
2006


Similar Part No. - FDFMA2P853_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFMA2P853 FAIRCHILD-FDFMA2P853_08 Datasheet
841Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
More results

Similar Description - FDFMA2P853_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFMA2P853 FAIRCHILD-FDFMA2P853_08 Datasheet
841Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFS2P753Z FAIRCHILD-FDFS2P753Z Datasheet
338Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFME2P823ZT FAIRCHILD-FDFME2P823ZT Datasheet
275Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFM2P110_0508 FAIRCHILD-FDFM2P110_0508 Datasheet
277Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA3P029Z FAIRCHILD-FDFMA3P029Z Datasheet
353Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P853T FAIRCHILD-FDFMA2P853T Datasheet
357Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P029Z FAIRCHILD-FDFMA2P029Z_08 Datasheet
304Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.1A, 95m
FDFMA3N109 FAIRCHILD-FDFMA3N109_08 Datasheet
689Kb / 7P
   Integrated N-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P857 FAIRCHILD-FDFMA2P857_08 Datasheet
602Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.0A, 120m廓
FDFS2P753AZ FAIRCHILD-FDFS2P753AZ_08 Datasheet
269Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode -30V, -3A, 115m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com