Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT2X100D40J Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT2X100D40J
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT2X100D40J Datasheet(HTML) 1 Page - Advanced Power Technology

  APT2X100D40J Datasheet HTML 1Page - Advanced Power Technology APT2X100D40J Datasheet HTML 2Page - Advanced Power Technology APT2X100D40J Datasheet HTML 3Page - Advanced Power Technology APT2X100D40J Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT BENEFITS
Low Losses
Low Noise Switching
Cooler Operation
Higher Reliability Systems
Increased System Power
Density
PRODUCT FEATURES
Ultrafast Recovery Times
Soft Recovery Characteristics
Popular SOT-227 Package
Low Forward Voltage
High Blocking Voltage
Low Leakage Current
PRODUCT APPLICATIONS
Anti-Parallel Diode
-Switchmode Power Supply
-Inverters
Free Wheeling Diode
-Motor Controllers
-Converters
Snubber Diode
Uninterruptible Power Supply (UPS)
Induction Heating
High Speed Rectifiers
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT Website - http://www.advancedpower.com
STATIC ELECTRICAL CHARACTERISTICS
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C = 99°C, Duty Cycle = 0.5)
RMS Forward Current (Square wave, 50% duty)
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3ms)
Operating and StorageTemperature Range
Symbol
V
R
V
RRM
V
RWM
I
F(AV)
I
F(RMS)
I
FSM
T
J,TSTG
UNIT
Volts
Amps
°C
APT2X101_100D40J
400
100
164
1000
-55 to 150
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
DUAL DIE ISOTOP® PACKAGE
Anti-Parallel
Parallel
2
1
3
23
4
14
SOT-227
2
1
3
4
APT2X100D40J
APT2X101D40J
APT2X101D40J 400V 100A
APT2X100D40J 400V 100A
Symbol
V
F
I
RM
C
T
UNIT
Volts
µA
pF
MIN
TYP
MAX
1.3
1.5
1.6
1.2
500
1000
260
Forward Voltage
Maximum Reverse Leakage Current
Junction Capacitance, V
R = 200V
I
F = 100A
I
F = 200A
I
F = 100A, TJ = 125°C
V
R = VR Rated
V
R = VR Rated, TJ = 125°C


Similar Part No. - APT2X100D40J

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT2X100D40J ADPOW-APT2X100D40J Datasheet
35Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
logo
Microsemi Corporation
APT2X100D40J MICROSEMI-APT2X100D40J Datasheet
151Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT2X100D40J

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D60B ADPOW-APT15D60B Datasheet
54Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D60H ADPOW-APT30D60H Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40C ADPOW-APT15D40C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40K ADPOW-APT15D40K Datasheet
22Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60C ADPOW-APT15D60C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT8DQ60K3CT MICROSEMI-APT8DQ60K3CT Datasheet
128Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60K MICROSEMI-APT8DQ60K Datasheet
262Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60KCT MICROSEMI-APT8DQ60KCT Datasheet
255Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT15D60BCT ADPOW-APT15D60BCT_05 Datasheet
125Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT15DQ100BCT MICROSEMI-APT15DQ100BCT Datasheet
249Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT30D100BCT ADPOW-APT30D100BCT_05 Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com