Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDM3300NZ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDM3300NZ
Description  Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 10A, 23m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDM3300NZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDM3300NZ Datasheet HTML 1Page - Fairchild Semiconductor FDM3300NZ Datasheet HTML 2Page - Fairchild Semiconductor FDM3300NZ Datasheet HTML 3Page - Fairchild Semiconductor FDM3300NZ Datasheet HTML 4Page - Fairchild Semiconductor FDM3300NZ Datasheet HTML 5Page - Fairchild Semiconductor FDM3300NZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDM3300NZ Rev.F
www.fairchildsemi.com
4
Figure 7.
03
6
9
12
15
0
1
2
3
4
5
VDD = 10V
VDD = 15V
VDD = 5V
Qg, GATE CHARGE(nC)
I
D = 10A
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1000
60
3000
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure 9. Forward Bias Safe
0.1
1
10
0.01
0.1
1
10
100
1s
100us
1ms
10ms
100ms
10s
DC
VDS, DRAIN to SOURCE VOLTAGE (V)
r
DS(on)
LIMITED
SINGLE PULSE
TJ = MAX RATED
RθJA = 135
oC/W
TA = 25oC
60
Operating Area
Figure 10.
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1
10
100
V
GS
=10V
500
0.5
SINGLE PULSE
RθJA = 135
oC/W
t, PULSE WIDTH (s)
TA = 25
oC
I = I25
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
150 TA
125
------------------------
Single Pulse Maximum
Power Dissipation
Figure 11.
Transient Thermal Response Curve
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1E-3
0.01
0.1
1
SINGLE PULSE
RθJA = 135
oC/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION(s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDM3300NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - FDM3300NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC3300NZA FAIRCHILD-FDMC3300NZA_07 Datasheet
244Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 8A, 26m廓
FDMJ1028N FAIRCHILD-FDMJ1028N Datasheet
424Kb / 7P
   N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 3.2A, 90m廓
FDC637BNZ FAIRCHILD-FDC637BNZ Datasheet
403Kb / 6P
   N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 6.2A, 24m廓
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMA420NZ FAIRCHILD-FDMA420NZ_08 Datasheet
1Mb / 7P
   Single N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 5.7A, 30m廓
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com