Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMA420NZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMA420NZ
Description  Single N-Channel 2.5V Specified PowerTrench MOSFET 20V, 5.7A, 30m?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA420NZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMA420NZ Datasheet HTML 1Page - Fairchild Semiconductor FDMA420NZ Datasheet HTML 2Page - Fairchild Semiconductor FDMA420NZ Datasheet HTML 3Page - Fairchild Semiconductor FDMA420NZ Datasheet HTML 4Page - Fairchild Semiconductor FDMA420NZ Datasheet HTML 5Page - Fairchild Semiconductor FDMA420NZ Datasheet HTML 6Page - Fairchild Semiconductor FDMA420NZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDMA420NZ Rev B1
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V , ID = 250µA
20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250µA,
Referenced to 25°C
12
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16V, VGS = 0V,
1
µA
IGSS
Gate-Body Leakage
VGS = ±12V, VDS = 0V
±10
µA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
0.6
0.83
1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250µA,
Referenced to 25°C
-3.1
mV/°C
RDS(ON)
Static Drain-Source On-Resistance
VGS = 4.5V, ID = 5.7A
16.8
30
m
VGS = 4.0V, ID = 5.7A
17.3
31
VGS = 3.1V, ID = 5.0A
18.9
33
VGS = 2.5V, ID = 5.0A
21.2
40
VGS = 4.5V, ID = 5.7A,
TJ =150°C
24.8
44
gFS
Forward Transconductance
VDS = 5V,
ID = 5.7A
28.3
S
(Note 2)
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 10V, VGS = 0V,
f = 1.0MHz
701
935
pF
Coss
Output Capacitance
163
220
pF
Crss
Reverse Transfer Capacitance
125
190
pF
RG
Gate Resistance
f = 1.0MHz
1.92
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
VDD = 10V, ID = 1A
VGS = 4.5V, RGEN = 6Ω
9.8
20
ns
tr
Turn-On Rise Time
8.6
18
ns
td(off)
Turn-Off Delay Time
21.5
43
ns
tf
Turn-Off Fall Time
8.6
18
ns
Qg
Total Gate Charge
VDS = 10V, ID = 5.7A,
VGS = 4.5V
8.8
12
nC
Qgs
Gate-Source Charge
0.9
2
nC
Qgd
Gate-Drain Charge
2.4
4
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
2.0
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 2.0A
0.69
1.2
V
trr
Diode Reverse Recovery Time
IF = 5.7A,
di/dt = 100A/
µs
20
ns
Qrr
Diode Reverse Recovery Charge
5
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins.
a.
145°C/W when mounted on a minimum pad of 2 oz copper.
b.
52°C/W when mounted on a 1 in2 pad of 2 oz copper.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.
3. The diode connected between the gate and the source serves only as proection against ESD. No gate overvoltage rating is implied.


Similar Part No. - FDMA420NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA420NZ FAIRCHILD-FDMA420NZ Datasheet
336Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET 20V, 5.7A, 30m Ohm
FDMA420NZ FAIRCHILD-FDMA420NZ Datasheet
1Mb / 7P
   Single N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 5.7A, 30m廓
FDMA420NZ FAIRCHILD-FDMA420NZ_08 Datasheet
1Mb / 7P
   Single N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 5.7A, 30m廓
More results

Similar Description - FDMA420NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA420NZ FAIRCHILD-FDMA420NZ Datasheet
336Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET 20V, 5.7A, 30m Ohm
FDMA420NZ FAIRCHILD-FDMA420NZ_08 Datasheet
1Mb / 7P
   Single N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 5.7A, 30m廓
SI3446DV FAIRCHILD-SI3446DV Datasheet
93Kb / 5P
   Single N-Channel, 2.5V Specified PowerTrench MOSFET
SI4466DY FAIRCHILD-SI4466DY Datasheet
80Kb / 5P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ Datasheet
182Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDMA430NZ FAIRCHILD-FDMA430NZ Datasheet
638Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ_07 Datasheet
270Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY301NZ FAIRCHILD-FDY301NZ Datasheet
191Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDS6570A FAIRCHILD-FDS6570A Datasheet
201Kb / 8P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com