Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF15N65 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FDPF15N65
Description  650V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF15N65 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FDPF15N65 Datasheet HTML 2Page - Fairchild Semiconductor FDPF15N65 Datasheet HTML 3Page - Fairchild Semiconductor FDPF15N65 Datasheet HTML 4Page - Fairchild Semiconductor FDPF15N65 Datasheet HTML 5Page - Fairchild Semiconductor FDPF15N65 Datasheet HTML 6Page - Fairchild Semiconductor FDPF15N65 Datasheet HTML 7Page - Fairchild Semiconductor FDPF15N65 Datasheet HTML 8Page - Fairchild Semiconductor FDPF15N65 Datasheet HTML 9Page - Fairchild Semiconductor FDPF15N65 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
FDP15N65 / FDPF15N65 Rev. A
Mechanical Dimensions
4.50 ±0.20
9.90 ±0.20
1.52 ±0.10
0.80 ±0.10
2.40 ±0.20
10.00 ±0.20
1.27 ±0.10
ø3.60 ±0.10
(8.70)
1.30
+0.10
–0.05
0.50
+0.10
–0.05
2.54TYP
[2.54 ±0.20]
2.54TYP
[2.54 ±0.20]
TO-220
Dimensions in Millimeters


Similar Part No. - FDPF15N65

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF15N65 FAIRCHILD-FDPF15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
FDPF15N65 FAIRCHILD-FDPF15N65 Datasheet
473Kb / 10P
   650V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDPF15N65 ISC-FDPF15N65 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDPF15N65YDTU FAIRCHILD-FDPF15N65YDTU Datasheet
837Kb / 8P
   N-Channel UniFETTM MOSFET 650 V, 15 A, 440 m?
More results

Similar Description - FDPF15N65

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com