Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP75N08 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDP75N08
Description  75V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP75N08 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDP75N08 Datasheet HTML 1Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 2Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 3Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 4Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 5Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 6Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 7Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
FDP75N08 Rev. A
Mechanical Dimensions
4.50
±0.20
9.90
±0.20
1.52
±0.10
0.80
±0.10
2.40
±0.20
10.00
±0.20
1.27
±0.10
ø3.60
±0.10
(8.70)
1.30
+0.10
–0.05
0.50
+0.10
–0.05
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
TO-220
Dimensions in Millimeters


Similar Part No. - FDP75N08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP75N08 FAIRCHILD-FDP75N08 Datasheet
674Kb / 8P
   75V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDP75N08 ISC-FDP75N08 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP75N08A FAIRCHILD-FDP75N08A Datasheet
631Kb / 8P
   75V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDP75N08A ISC-FDP75N08A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP75N08

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Pan Jit International I...
PJD12N08 PANJIT-PJD12N08 Datasheet
383Kb / 8P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com