Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP75N08 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDP75N08
Description  75V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP75N08 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDP75N08 Datasheet HTML 1Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 2Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 3Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 4Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 5Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 6Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 7Page - Fairchild Semiconductor FDP75N08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDP75N08 Rev. A
June 2006
UniFET
TM
FDP75N08
75V N-Channel MOSFET
Features
• 75A, 75V, RDS(on) = 0.011Ω @VGS = 10 V
• Low gate charge ( typical 150 nC)
• Low Crss ( typical 85 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize
on-state
resistance,
provide
superior
switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies, active power factor
correction, electronic lamp ballast based on half bridge
topology.
Absolute Maximum Ratings
Thermal Characteristics
TO-220
FDP Series
G
S
D
D
G
S
Symbol
Parameter
FDP75N08
Units
VDSS
Drain-Source Voltage
75
V
ID
Drain Current
- Continuous (TC = 25°C)
75
A
- Continuous (TC = 100°C)
47.7
A
IDM
Drain Current
- Pulsed
(Note 1)
300
A
VGSS
Gate-Source Voltage
± 20
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1164
mJ
IAR
Avalanche Current
(Note 1)
75
A
EAR
Repetitive Avalanche Energy
(Note 1)
13.1
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
131
W
- Derate above 25°C
1
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FDP75N08
Units
RθJC
Thermal Resistance, Junction-to-Case
0.95
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W


Similar Part No. - FDP75N08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP75N08 FAIRCHILD-FDP75N08 Datasheet
674Kb / 8P
   75V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDP75N08 ISC-FDP75N08 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP75N08A FAIRCHILD-FDP75N08A Datasheet
631Kb / 8P
   75V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDP75N08A ISC-FDP75N08A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP75N08

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Pan Jit International I...
PJD12N08 PANJIT-PJD12N08 Datasheet
383Kb / 8P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com