Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50H2D562J Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 50H2D562J
Description  POLYPHENYLENE SULFIDE FILM CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50H2D562J Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  50H2D562J Datasheet HTML 1Page - RUBYCON CORPORATION 50H2D562J Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATED VOLTAGE : 50VDC
DIMENSIONS AND QUANTITY
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
50H2D471
**
50H2D561
**
50H2D681
**
50H2D821
**
50H2D102
**
50H2D122
**
50H2D152
**
50H2D182
**
50H2D222
**
50H2D272
**
50H2D332
**
50H2D392
**
50H2D472
**
50H2D562
**
50H2D682
**
50H2D822
**
50H2D103
**
50H2D123
**
50H2D153
**
50H2D183
**
50H2D223
**
50H2D273
**
50H2D333
**
50H2D393
**
50H2D473
**
50H2D563
**
50H2D683
**
50H2D823
**
50H2D104
**
50H2D124
**
50H2D154
**
50H2D184
**
50H2D224
**
50H2D274
**
50H2D334
**
50H2D394
**
50H2D474
**
AB
Cd
Bag
Carton
A
B, D
C
E
5.5
5.5
5.5
5.5
5.5
5.5
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
7.0
7.0
7.0
7.0
7.0
7.0
7.5
7.5
8.5
8.5
9.0
9.0
9.0
10.0
10.0
11.0
12.0
12.5
13.0
13.5
15.0
15.5
16.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.5
3.5
3.5
3.5
4.0
4.0
4.0
4.0
4.5
4.5
5.0
5.0
5.5
5.5
5.5
6.0
6.0
7.5
7.5
8.0
8.5
9.0
9.5
9.5
10.0
11.5
12.5
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
9.0
9.0
9.0
9.0
9.0
9.5
10.0
11.0
11.0
12.0
12.0
12.5
12.5
12.5
14.5
16.0
16.0
16.5
17.0
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.5
7.5
7.5
7.5
7.5
7.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.6
0.6
0.6
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
100
100
100
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
8,000
8,000
8,000
8,000
8,000
5,000
5,000
5,000
4,000
4,000
4,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
1,500
1,000
1,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,000
2,000
2,000
2,000
2,000
2,000
1,500
1,500
1,500
1,500
1,000
1,000
0.00047
0.00056
0.00068
0.00082
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
Long Lead type
Taping Ammo pack type - style
RATED VOLTAGE : 100VDC
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
100H2D471
**
100H2D561
**
100H2D681
**
100H2D821
**
100H2D102
**
100H2D122
**
100H2D152
**
100H2D182
**
100H2D222
**
100H2D272
**
100H2D332
**
100H2D392
**
100H2D472
**
100H2D562
**
100H2D682
**
100H2D822
**
100H2D103
**
100H2D123
**
100H2D153
**
100H2D183
**
100H2D223
**
100H2D273
**
100H2D333
**
100H2D393
**
100H2D473
**
100H2D563
**
100H2D683
**
100H2D823
**
100H2D104
**
100H2D124
**
100H2D154
**
100H2D184
**
100H2D224
**
AB
CF
LS
0.5
d
Bag
Carton
A
B, D
C
E
5.5
5.5
5.5
5.5
5.5
5.5
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
7.0
7.5
7.5
7.5
8.0
8.0
8.0
8.0
8.5
8.5
9.0
9.5
10.0
10.0
11.0
11.5
12.0
12.5
13.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
4.0
4.0
4.0
4.0
4.5
4.5
5.0
5.5
6.0
6.5
7.0
7.0
7.0
7.5
8.5
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
10.0
10.0
10.0
10.0
10.0
10.0
12.0
12.0
12.5
12.5
13.0
13.0
13.0
13.5
14.0
16.0
17.0
17.0
17.0
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
1.0
5.0
1.0
5.0
1.0
5.0
1.0
5.0
1.0
5.0
1.0
7.5
1.5
7.5
1.5
7.5
1.5
7.5
1.5
7.5
1.5
7.5
1.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.6
0.6
0.6
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
100
100
100
100
100
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
8,000
8,000
8,000
8,000
6,000
6,000
6,000
6,000
6,000
6,000
5,000
4,000
4,000
4,000
3,000
2,000
2,000
2,000
1,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,500
2,500
2,500
2,500
2,000
2,000
2,000
2,000
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
500
S
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,000
2,000
2,000
2,000
2,000
2,000
1,500
1,500
1,500
1,500
1,000
1,000
S
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,500
2,500
2,500
2,500
2,000
2,000
2,000
2,000
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
0.00047
0.00056
0.00068
0.00082
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
Long Lead type
Taping Ammo pack type - style
POLYPHENYLENE SULFIDE FILM CAPACITORS
H2D
1.0
1.5
1.0
1.5
1.0
1.5
1.0
1.5
1.0
1.5
1.0
1.5
1.0
1.5
TV
TF
TS
TV
TF
TS
:Tolerance (G:
2%,
H:
3
%, J:
5%)
** : Suffix
:Tolerance (G:
2%,
H:
3
%, J:
5%)
** : Suffix
F
0.5 LS
0.5
cap (
µF)
cap (
µF)
+
-
+
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
--
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
--
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-


Similar Part No. - 50H2D562J

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
50H EH-50H Datasheet
315Kb / 4P
   Promag 50H
logo
JFW Industries, Inc.
50HB-XX JFW-50HB-XX Datasheet
27Kb / 1P
   FIXED ATTENUATOR
50HF-003 JFW-50HF-003 Datasheet
26Kb / 1P
   FIXED ATTENUATOR KIT
50HF-003 JFW-50HF-003 Datasheet
27Kb / 1P
   FIXED ATTENUATOR KIT
50HF-006 JFW-50HF-006 Datasheet
26Kb / 1P
   FIXED ATTENUATOR KIT
More results

Similar Description - 50H2D562J

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Suntan Capacitors
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
Kemet Corporation
SMR5104K50J01L4BULK KEMET-SMR5104K50J01L4BULK Datasheet
1Mb / 25P
   SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
logo
Illinois Capacitor, Inc...
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
logo
Figaro Engineering Inc.
FECS50-100 FIGARO-FECS50-100 Datasheet
382Kb / 2P
   Detection of Hydrogen Sulfide
logo
Honeywell Solid State E...
104662B HONEYWELL-104662B Datasheet
53Kb / 2P
   LEAD SULFIDE CELL
Rev. 6-89
logo
Zhengzhou Winsen Electr...
ME4-H2S WINSEN-ME4-H2S Datasheet
638Kb / 6P
   Hydrogen Sulfide Gas Sensor
logo
NXP Semiconductors
ORP90 NXP-ORP90 Datasheet
422Kb / 11P
   CADMIUM SULFIDE PHOTOCONDUCTIVE CELL
6.6.1958
logo
Zhengzhou Winsen Electr...
MQ136 WINSEN-MQ136 Datasheet
558Kb / 6P
   Hydrogen Sulfide Gas Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com