Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6209C33AD Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6209C33AD
Description  High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209C33AD Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6209C33AD Datasheet HTML 3Page - Torex Semiconductor XC6209C33AD Datasheet HTML 4Page - Torex Semiconductor XC6209C33AD Datasheet HTML 5Page - Torex Semiconductor XC6209C33AD Datasheet HTML 6Page - Torex Semiconductor XC6209C33AD Datasheet HTML 7Page - Torex Semiconductor XC6209C33AD Datasheet HTML 8Page - Torex Semiconductor XC6209C33AD Datasheet HTML 9Page - Torex Semiconductor XC6209C33AD Datasheet HTML 10Page - Torex Semiconductor XC6209C33AD Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/25
XC6209/6212
Series
SYMBOL
E-0
E-1
E-2
OUTPUT VOLTAGE (V)
(2%)
DROPOUT VOLTAGE 1 (mV)
(IOUT=30mA)
DROPOUT VOLTAGE 2 (mV)
(IOUT=100mA)
VOUT
Vdif1
Vdif2
Vdif1
Vdif2
VOUT(T)
MIN
MAX
TYP
MAX
TYP
MAX
0.90
0.870
0.930
0.95
0.920
0.980
1100
1110
1150
1200
1.00
0.970
1.030
1.05
1.020
1.080
1000
1010
1050
1100
1.10
1.070
1.130
1.15
1.120
1.180
900
910
950
1000
1.20
1.170
1.230
1.25
1.220
1.280
800
810
850
900
1.30
1.270
1.330
1.35
1.320
1.380
700
710
750
800
1.40
1.370
1.430
1.45
1.420
1.480
600
610
650
700
1.50
1.470
1.530
1.55
1.519
1.581
500
510
550
600
1.60
1.568
1.632
1.65
1.617
1.683
400
410
500
550
1.70
1.666
1.734
1.75
1.715
1.785
300
310
400
450
1.80
1.764
1.836
1.85
1.813
1.887
200
210
300
400
1.90
1.862
1.938
1.95
1.911
1.989
120
150
280
380
2.00
1.960
2.040
2.05
2.009
2.091
350
2.10
2.058
2.142
2.15
2.107
2.193
2.20
2.156
2.244
2.25
2.205
2.295
330
2.30
2.254
2.346
2.35
2.303
2.397
2.40
2.352
2.448
2.45
2.401
2.499
80
120
240
310
2.50
2.450
2.550
2.55
2.499
2.601
2.60
2.548
2.652
2.65
2.597
2.703
2.70
2.646
2.754
2.75
2695
2.805
290
2.80
2.744
2.856
2.85
2.793
2.907
2.90
2.842
2.958
2.95
2.891
3.009
70
100
220
3.00
2.940
3.060
3.05
2.989
3.111
270
3.10
3.038
3.162
3.15
3.087
3.213
3.20
3.136
3.264
3.25
3.185
3.315
3.30
3.234
3.366
3.35
3.283
3.417
3.40
3.332
3.468
3.45
3.381
3.519
3.50
3.430
3.570
3.55
3.479
3.621
60
90
200
250
Dropout Voltage
Voltage Accuracy 2% products
ELECTRICAL CHARACTERISTICS (Continued)
Ta=25OC
SETTING
OUTPUT
VOLTAGE
PARAMETER


Similar Part No. - XC6209C33AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209C302DL TOREX-XC6209C302DL Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209C302DR TOREX-XC6209C302DR Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209C302ML TOREX-XC6209C302ML Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209C302MR TOREX-XC6209C302MR Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209C302PL TOREX-XC6209C302PL Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results

Similar Description - XC6209C33AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com