Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR6580 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDR6580
Description  N-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDR6580 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDR6580 Datasheet HTML 1Page - Fairchild Semiconductor FDR6580 Datasheet HTML 2Page - Fairchild Semiconductor FDR6580 Datasheet HTML 3Page - Fairchild Semiconductor FDR6580 Datasheet HTML 4Page - Fairchild Semiconductor FDR6580 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
July 2001
©2001 Fairchild Semiconductor Corporation
FDR6580 Rev C(W)
FDR6580
N-Channel 2.5V Specified PowerTrench
®
® MOSFET
General Description
This
N-Channel
MOSFET
has
been
designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers. It has been optimized for
“low side” synchronous rectifier operation, providing an
extremely low RDS(ON) in a small package.
Applications
• Synchronous rectifier
• DC/DC converter
Features
• 11.2 A, 20 V. R
DS(ON)
= 9 m
Ω @ V
GS = 4.5 V
RDS(ON) = 11 m
Ω @ V
GS = 2.5 V
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability in a
smaller footprint than SO8
D
S
D
D
S
D
G
SuperSOT -8
TM
D
4
3
2
1
5
6
7
8
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous
(Note 1a)
11.2
A
– Pulsed
50
Power Dissipation for Single Operation
(Note 1a)
1.8
(Note 1b)
1.0
PD
(Note 1c)
0.9
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
70
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
20
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDR6580
FDR6580
13’’
12mm
2500 units


Similar Part No. - FDR6580

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR6580 FAIRCHILD-FDR6580 Datasheet
241Kb / 6P
   N-Chennal 2.5V Specified PowerTrench??MOSFET
More results

Similar Description - FDR6580

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDN339AN FAIRCHILD-FDN339AN Datasheet
259Kb / 8P
   N-Channel 2.5V Specified PowerTrench MOSFET
SI3446DV FAIRCHILD-SI3446DV Datasheet
93Kb / 5P
   Single N-Channel, 2.5V Specified PowerTrench MOSFET
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDZ203N FAIRCHILD-FDZ203N Datasheet
145Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com