Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6212C33AD Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6212C33AD
Description  High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6212C33AD Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6212C33AD Datasheet HTML 1Page - Torex Semiconductor XC6212C33AD Datasheet HTML 2Page - Torex Semiconductor XC6212C33AD Datasheet HTML 3Page - Torex Semiconductor XC6212C33AD Datasheet HTML 4Page - Torex Semiconductor XC6212C33AD Datasheet HTML 5Page - Torex Semiconductor XC6212C33AD Datasheet HTML 6Page - Torex Semiconductor XC6212C33AD Datasheet HTML 7Page - Torex Semiconductor XC6212C33AD Datasheet HTML 8Page - Torex Semiconductor XC6212C33AD Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/25
XC6209/6212
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
2% accuracy (*7)
×
0.98
VOUT(T)
×
1.02
Output Voltage
VOUT(E)
IOUT=30mA
1% accuracy (*8)
×
0.99
VOUT(T)
×
1.01
V
1
Maximum Output Current
IOUTMAX
150
-
-
mA
1
Load Regulation
VOUT
1mA< IOUT <100mA
-
15
50
mV
1
Vdif1
IOUT=30mA
E-1
Dropout Voltage (*4)
Vdif2
IOUT=100mA
E-2
mV
1
Supply Current (A series)
VIN=VCE= VOUT(T)+1.0V
(VOUT <0.95V)=(VIN=VCE=2.0V)
-
28
55
Supply Current (B series)
IDD
VIN=VCE=VOUT(T)+1.0V
(VOUT<0.95V)=(VIN=VCE=2.0V)
25
50
μ
A
2
Standby Current
Istby
VIN=VOUT(T)+1.0V, VCE =VSS
(VOUT<0.95V)=(VIN=2.0V)
-
0.01
0.10
μ
A
2
Line Regulation
VOUT
VIN・VOUT
VOUT(T)+1.0V<VIN<10V
(VOUT<0.95V)=(2.0V<VIN<10V)
IOUT=30mA
(VOUT<1.75V)=(IOUT=10mA)
-
0.01
0.20
/V
1
Input Voltage
VIN
2
-
10
V
-
Output Voltage
Temperature Characteristics
VOUT
Topr・VOUT
IOUT=30mA
-40℃<Topr<85℃
-
100
-
ppm
/℃
1
Ripple Rejection Rate
PSRR
VIN={VOUT(T)+1.0}V+1.0Vp-pAC,
(VOUT<1.5V)=(VIN=2.5V+1.0Vp-pAC)
, IOUT=50mA, f=10kHz
-
70
-
dB
4
Current Limiter
Ilim
VIN=VOUT(T)+1.0V, VCE=VIN,
(
VOUT<1.75V)=(VIN=VOUT(T)+2.0V)
-
300
-
mA
1
Short-circuit Current
Ishort
VIN=VOUT(T)+1.0V, VCE=VIN,
(
VOUT<1.75V)=(VIN=VOUT(T)+2.0V)
-
50
-
mA
1
CE "High" Level Voltage
VCEH
1.6
-
VIN
V
1
CE "Low" Level Voltage
VCEL
-
-
0.25
V
2
CE "High" Level Current
(A series)
ICEH
VIN=VCE=VOUT(T)+1.0V
(VOUT<0.95V)=(VIN=VCE=2.0V)
0.60
-
5.0
μ
A
2
CE "High" Level Current
(B series)
ICEH
VIN=VCE=VOUT(T)+1.0V
(VOUT<0.95V)=(VIN=VCE=2.0V)
-0.10
0.10
CE "Low" Level Current
ICEL
VIN=VOUT(T)+1.0V, VCE=VSS
(VOUT<0.95V)=(VIN=2.0V)
-0.10
-
0.10
μ
A
2
ELECTRICAL CHARACTERISTICS
NOTE :
* 1: Unless otherwise stated, VIN=VOUT(T)+1.0V. If VOUT is less than 0.95V, VIN= 2.0V.
* 2: VOUT(T)=Specified output voltage
* 3: VOUT(E)=Effective output voltage
(I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
* 4: Vdif={VIN1
(*6)-VOUT1(*5)}
* 5: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input.
* 6: VIN1=The input voltage when VOUT1 appears as Input Voltage is gradually decreased.
* 7: If VOUT(T) is less than 1.45V, VOUT(T) -30mV (MIN.),
VOUT(T) + 30mV (MAX.)
* 8: Only for the VOUT(T) more than 3.0V products.
Ta=25℃
XC6209/6212A, B Series


Similar Part No. - XC6212C33AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212C302ML TOREX-XC6212C302ML Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6212C302MR TOREX-XC6212C302MR Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6212C30AML TOREX-XC6212C30AML Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6212C30AMR TOREX-XC6212C30AMR Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
More results

Similar Description - XC6212C33AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com