Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

200HXC100020OOESN35 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 200HXC100020OOESN35
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

200HXC100020OOESN35 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  200HXC100020OOESN35 Datasheet HTML 1Page - RUBYCON CORPORATION 200HXC100020OOESN35 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
0.80
200WV
1.00
1.20
1.30
1.50
0.80
400∼450WV
1.00
1.20
1.25
1.40
200
3
400 ∼ 450
8
(120Hz)
0.15
200 ∼ 400
0.20
450
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC
SERIES
HXC
Characteristics
Leakage Current
Dissipation Factor
Capacitance Change
Within
20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
Load Life
: 105°C 2000 hours.
Higher ripple current endurance than MXC series.
RoHS compliance.
After applying rated voltage with rated ripple current for 2000hrs at 105°C, the capacitors shall meet the following requirements.
HXC
Series
SN
Terminal Code
OOE
Option
Rated Voltage
Rated Capacitance
Capacitance Tolerance
Blank
OOE
Code
without plate
with plate
Frequency coefficient
(mm)
MOUNTING HOLES
10
NEGATIVE
SLEEVE
VENT
SN[4(3.5)mm] terminal type
NEW
105OC Higher Ripple, Snap-in Terminal Type
SPECIFICATIONS
PART NUMBER
Option
MULTIPLIER FOR RIPPLE CURRENT
DIMENSIONS
FEATURES
10k<=
2-φ 2
L
2
φ D
1
ForΩ φ 35, 3.5
0.5
4
0.5
φ D
1
10
0.1
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Endurance
Impedance Ratio(MAX)
Items
-25 ∼ +105°C
200 ∼ 450V.DC
20% (20°C, 120Hz)
I
=3 CV
(After 5 minutes application of rated voltage)
(20°C, 120Hz)
Rated Voltage
(V)
Rated Voltage
(V)
tanδ
Z(
-25°C) /Z(20°C)
I
=Leakage Current ( µA)
V= Rated Voltage (V)
C= Rated Capacitance ( µ F)
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
D × L
Case Size
Dissipation Factor(MAX)
(tanδ)


Similar Part No. - 200HXC100020OOESN35

ManufacturerPart #DatasheetDescription
logo
International Rectifier
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF120MBV IRF-200HF120MBV Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF120MSV IRF-200HF120MSV Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF120MV IRF-200HF120MV Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF120PBV IRF-200HF120PBV Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
More results

Similar Description - 200HXC100020OOESN35

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com