Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBR941 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PBR941
Description  UHF wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBR941 Datasheet(HTML) 5 Page - NXP Semiconductors

  PBR941 Datasheet HTML 1Page - NXP Semiconductors PBR941 Datasheet HTML 2Page - NXP Semiconductors PBR941 Datasheet HTML 3Page - NXP Semiconductors PBR941 Datasheet HTML 4Page - NXP Semiconductors PBR941 Datasheet HTML 5Page - NXP Semiconductors PBR941 Datasheet HTML 6Page - NXP Semiconductors PBR941 Datasheet HTML 7Page - NXP Semiconductors PBR941 Datasheet HTML 8Page - NXP Semiconductors PBR941 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1998 Aug 10
5
Philips Semiconductors
Product specification
UHF wideband transistor
PBR941
Fig.2
Power derating as a function of soldering
point temperature.
handbook, halfpage
0
50
100
Ts (°C)
Ptot
(mW)
200
400
300
100
0
200
150
MDA871
Fig.3
DC current gain as a function of collector
current; typical values.
VCE =6V.
handbook, halfpage
0
hFE
IC (mA)
120
80
40
0
10
50
20
30
40
MDA872
Fig.4
Feedback capacitance as a function of
collector-base voltage; typical values.
IC = 0; f = 1 MHz.
handbook, halfpage
04
VCB (V)
Cre
(pF)
812
0.5
0
0.4
0.3
0.2
0.1
MDA873
Fig.5
Transition frequency as a function of
collector current; typical values.
VCE = 6 V; f = 1 GHz; Tamb =25 °C.
handbook, halfpage
010
20
fT
(GHz)
IC (mA)
40
10
0
8
30
6
4
2
MDA874


Similar Part No. - PBR941

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBR941 NXP-PBR941 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Inchange Semiconductor ...
PBR941 ISC-PBR941 Datasheet
317Kb / 2P
   isc Silicon NPN RF Transistor
logo
Quanzhou Jinmei Electro...
PBR941B JMNIC-PBR941B_15 Datasheet
160Kb / 13P
   UHF wideband transistor
logo
NXP Semiconductors
PBR941B_N PHILIPS-PBR941B_N_15 Datasheet
160Kb / 13P
   UHF wideband transistor
2001 Jan 18
logo
Quanzhou Jinmei Electro...
PBR941 JMNIC-PBR941_15 Datasheet
121Kb / 16P
   UHF wideband transistor
More results

Similar Description - PBR941

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRF957 PHILIPS-PRF957 Datasheet
109Kb / 16P
   UHF wideband transistor
1999 Jul 23
logo
Quanzhou Jinmei Electro...
PBR941B JMNIC-PBR941B_15 Datasheet
160Kb / 13P
   UHF wideband transistor
PRF949 JMNIC-PRF949_15 Datasheet
117Kb / 16P
   UHF wideband transistor
logo
NXP Semiconductors
PBR941 PHILIPS-PBR941_15 Datasheet
121Kb / 16P
   UHF wideband transistor
1998 Aug 10
PRF949 PHILIPS-PRF949 Datasheet
81Kb / 7P
   UHF wideband transistor
1999 Oct 29
logo
Quanzhou Jinmei Electro...
PBR941 JMNIC-PBR941_15 Datasheet
121Kb / 16P
   UHF wideband transistor
PBR951 JMNIC-PBR951_15 Datasheet
148Kb / 16P
   UHF wideband transistor
logo
NXP Semiconductors
PBR951-215 NXP-PBR951-215 Datasheet
121Kb / 16P
   UHF wideband transistor
1998 Aug 10
PBR941B_N PHILIPS-PBR941B_N_15 Datasheet
160Kb / 13P
   UHF wideband transistor
2001 Jan 18
PBR951 PHILIPS-PBR951 Datasheet
144Kb / 16P
   UHF wideband transistor
1998 Aug 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com