Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X60008C-50 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X60008C-50
Description  Precision 5.0V FGA??Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60008C-50 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X60008C-50_06 Datasheet HTML 6Page - Intersil Corporation X60008C-50_06 Datasheet HTML 7Page - Intersil Corporation X60008C-50_06 Datasheet HTML 8Page - Intersil Corporation X60008C-50_06 Datasheet HTML 9Page - Intersil Corporation X60008C-50_06 Datasheet HTML 10Page - Intersil Corporation X60008C-50_06 Datasheet HTML 11Page - Intersil Corporation X60008C-50_06 Datasheet HTML 12Page - Intersil Corporation X60008C-50_06 Datasheet HTML 13Page - Intersil Corporation X60008C-50_06 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN8143.1
June 2, 2006
Figure 5. Flat Line Slope Tempco Curves
(Vout = 5V)
The tempco curve for the X60008 devices is generally
flat (within 0.5ppm/°C typically) over the industrial tem-
perature range (-40 to 85°C) with some inflection at
the extreme temperatures. The combination of very
low tempco performance a predictable tempco slope is
unique to the X60008 due to its floating gate technol-
ogy. This behavior is much easier to consider when
designing data conversion systems or control systems
that must operate over a range of temperatures.
4000µV
2000µV
-2000µV
-4000µV
0µV
-40°C
25°C
85°C
Temperature
Tempco (Normalized to +25°C)
10ppm/°C
5ppm/°C
3ppm/°C
1ppm/°C
1ppm/°C
3ppm/°C
5ppm/°C
10ppm/°C
X60008C-50, X60008D-50


Similar Part No. - X60008C-50_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
More results

Similar Description - X60008C-50_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
X60008A-50 INTERSIL-X60008A-50 Datasheet
284Kb / 11P
   1ppm/C, 5.0V, Precision Low-Power FGA Voltage Reference
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
   Precision 2.5V FGA Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com