Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X60003CIG3-50T1 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X60003CIG3-50T1
Description  Precision 5.0V SOT-23 FGA??Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60003CIG3-50T1 Datasheet(HTML) 3 Page - Intersil Corporation

  X60003CIG3-50T1 Datasheet HTML 1Page - Intersil Corporation X60003CIG3-50T1 Datasheet HTML 2Page - Intersil Corporation X60003CIG3-50T1 Datasheet HTML 3Page - Intersil Corporation X60003CIG3-50T1 Datasheet HTML 4Page - Intersil Corporation X60003CIG3-50T1 Datasheet HTML 5Page - Intersil Corporation X60003CIG3-50T1 Datasheet HTML 6Page - Intersil Corporation X60003CIG3-50T1 Datasheet HTML 7Page - Intersil Corporation X60003CIG3-50T1 Datasheet HTML 8Page - Intersil Corporation X60003CIG3-50T1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN8137.1
May 2, 2006
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Range............ -65°C to + 125°C
Voltage on any Pin
Referenced to Gnd.............................-0.5V to + 10V
Lead Temperature (soldering, 10s) ................ + 225°C
RECOMMENDED OPERATING CONDITIONS
COMMENT
Absolute Maximum Ratings indicate limits beyond
which permanent damage to the device and impaired
reliability may occur. These are stress ratings provided
for information only and functional operation of the
device at these or any other conditions beyond those
indicated in the operational sections of this specifica-
tion are not implied.
For guaranteed specifications and test conditions, see
Electrical Characteristics.
The guaranteed specifications apply only for the test
conditions listed. Some performance characteristics
may degrade when the device is not operated under
the listed test conditions.
ELECTRICAL CHARACTERISTICS
(Operating Conditions: VIN = 6.5V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C unless otherwise specified.)
Note:
1. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided
by the temperature range; in this case, -40°C to +85°C = 125°C.
2. Thermal Hysteresis is the change in VOUT created by package stress @ TA = 25°C after temperature cycling. VOUT is read initially at
TA = 25°C; the X60003x-50 is then cycled between Hot (85°C) and Cold (-40°C) before a second VOUT measurement is taken at 25°C.
The deviation between the initial VOUT reading and the second VOUT reading is then expressed in ppm.
3. Dropout voltage (VDO) is the minimum voltage (VIN) into the X60003x-50 which will produce the output voltage (ΔVOUT) drop specified
in the Electrical Characteristics table.
4. Guaranteed by Device Characterization
Temperature
Min.
Max.
Industrial
-40°C
+85°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Output Voltage
5.000
V
VOA
VOUT Accuracy
X60003B-50
X60003C-50
X60003D-50
TA = 25°C
-1.0
-2.5
-5.0
+1.0
+2.5
+5.0
mV
IIN
Supply Current
500
900
nA
VIN
Input Voltage Range
5.1
9.0
V
TC VOUT
Output Voltage
Temperature Coefficient(1)
X60003B-50
X60003C-50
X60003D-50
10
20
20
ppm/
°C
ΔVOUT/ΔVIN
Line Regulation
+5.5V
≤ VIN ≤ +8.0V
150
µV/V
ΔVOUT/ΔIOUT
Load Regulation
0mA
≤ ISOURCE ≤ 10mA
-10mA
≤ ISINK ≤ 0mA
10
20
50
100
µV/mA
ΔV
OUT/Δt
Long Term Stability
TA = 25°C
10
ppm/
1000Hrs
ΔVOUT/ΔTA
Thermal Hysteresis(2)
ΔT = -40°C to +85°C
100
ppm
VDO
Dropout Voltage(3)
IOUT = 5mA, ΔVOUT = -0.01%
150
300
mV
ISC
Short Circuit Current(4)
TA = 25°C
50
80
mA
VN
Output Voltage Noise
0.1Hz to 10Hz
30
µVpp
X60003B-50, X60003C-50, X60003D-50


Similar Part No. - X60003CIG3-50T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003CIG3-50 INTERSIL-X60003CIG3-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
More results

Similar Description - X60003CIG3-50T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
   Precision 4.096V SOT-23 FGA Voltage References
X60003 INTERSIL-X60003 Datasheet
631Kb / 16P
   Precision SOT-23 FGA™ Voltage References
September 1, 2015
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com