Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9015 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9015
Description  Single Digitally Controlled Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9015 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9015_06 Datasheet HTML 3Page - Intersil Corporation X9015_06 Datasheet HTML 4Page - Intersil Corporation X9015_06 Datasheet HTML 5Page - Intersil Corporation X9015_06 Datasheet HTML 6Page - Intersil Corporation X9015_06 Datasheet HTML 7Page - Intersil Corporation X9015_06 Datasheet HTML 8Page - Intersil Corporation X9015_06 Datasheet HTML 9Page - Intersil Corporation X9015_06 Datasheet HTML 10Page - Intersil Corporation X9015_06 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN8157.5
August 31, 2006
Performance Characteristics (Typical)
FIGURE 1. TYPICAL NOISE
FIGURE 2. TYPICAL RTOTAL VS. TEMPERATURE
FIGURE 3. TYPICAL TOTAL RESISTANCE TEMPERATURE COEFFICIENT
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
0
10
20
3040
5060
7080
90
100
FREQUENCY (kHz)
110 120 130 140 150 160 170 180 190 200
10000
9800
9600
9400
9200
9000
8800
8600
8400
8200
8000
-55
-45
-35 -25
-15
-5
5
15
25
35
45
55
65
75
TEMPERATURE
85
95
105 115 125 C
-55
-350
-300
-250
-200
-150
-100
-50
0
-45
-35
-25
-15
-5
5
15
25
35
TEMPERATURE
PPM
45
55
65
75
85
95
105 115
125
C
X9015


Similar Part No. - X9015_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9015TS8-2.7 INTERSIL-X9015TS8-2.7 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015UM8 INTERSIL-X9015UM8 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015UM8-2.7 INTERSIL-X9015UM8-2.7 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015UM8I INTERSIL-X9015UM8I Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015UM8I-2.7 INTERSIL-X9015UM8I-2.7 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
More results

Similar Description - X9015_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com