Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5043M8IZ-4.5A Datasheet(PDF) 1 Page - Intersil Corporation

Part # X5043M8IZ-4.5A
Description  CPU Supervisor with 4K SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5043M8IZ-4.5A Datasheet(HTML) 1 Page - Intersil Corporation

  X5043M8IZ-4.5A Datasheet HTML 1Page - Intersil Corporation X5043M8IZ-4.5A Datasheet HTML 2Page - Intersil Corporation X5043M8IZ-4.5A Datasheet HTML 3Page - Intersil Corporation X5043M8IZ-4.5A Datasheet HTML 4Page - Intersil Corporation X5043M8IZ-4.5A Datasheet HTML 5Page - Intersil Corporation X5043M8IZ-4.5A Datasheet HTML 6Page - Intersil Corporation X5043M8IZ-4.5A Datasheet HTML 7Page - Intersil Corporation X5043M8IZ-4.5A Datasheet HTML 8Page - Intersil Corporation X5043M8IZ-4.5A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN8126.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X5043, X5045
4K, 512 x 8 Bit
CPU Supervisor with 4K SPI EEPROM
These devices combine four popular functions, Power-on
Reset Control, Watchdog Timer, Supply Voltage Supervision,
and Block Lock Protect Serial EEPROM Memory in one
package. This combination lowers system cost, reduces
board space requirements, and increases reliability.
Applying power to the device activates the power-on reset
circuit which holds RESET/RESET active for a period of
time. This allows the power supply and oscillator to stabilize
before the processor executes code.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. When the microcontroller
fails to restart a timer within a selectable time out interval,
the device activates the RESET/RESET signal. The user
selects the interval from three preset values. Once selected,
the interval does not change, even after cycling the power.
The device’s low VCC detection circuitry protects the user’s
system from low voltage conditions, resetting the system
when VCC falls below the minimum VCC trip point.
RESET/RESET is asserted until VCC returns to proper
operating level and stabilizes. Four industry standard VTRIP
thresholds are available, however, Intersil’s unique circuits
allow the threshold to be reprogrammed to meet custom
requirements or to fine-tune the threshold for applications
requiring higher precision.
The memory portion of the device is a CMOS Serial
EEPROM array with Intersil’s block lock protection. The
array is internally organized as 512 x 8. The device features
a Serial Peripheral Interface (SPI) and software protocol
allowing operation on a simple four-wire bus.
The device utilizes Intersil’s proprietary Direct Writecell,
providing a minimum endurance of 100,000 cycles and a
minimum data retention of 100 years.
Features
•Low VCC Detection and Reset Assertion
- Four standard reset threshold voltages
4.63V, 4.38V, 2.93V, 2.63V
- Re-program low VCC reset threshold voltage using
special programming sequence.
- Reset signal valid to VCC = 1V
• Selectable Time Out Watchdog Timer
• Long Battery Life with Low Power Consumption
- <50µA max standby current, watchdog on
- <10µA max standby current, watchdog off
• 4Kbits of EEPROM–1M Write Cycle Endurance
• Save Critical Data with Block LockMemory
- Protect 1/4, 1/2, all or none of EEPROM array
• Built-in Inadvertent Write Protection
- Write enable latch
- Write protect pin
• SPI Interface - 3.3MHz Clock Rate
• Minimize Programming Time
- 16-byte page write mode
- 5ms write cycle time (typical)
• Available Packages
- 8 Ld MSOP, 8 Ld SOIC, 8 Ld PDIP
- 14 Ld TSSOP
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Communications Equipment
- Routers, Hubs, Switches
- Set Top Boxes
• Industrial Systems
- Process Control
- Intelligent Instrumentation
• Computer Systems
- Desktop Computers
- Network Servers
• Battery Powered Equipment
Data Sheet
March 16, 2006


Similar Part No. - X5043M8IZ-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043M8IZ-4.5A INTERSIL-X5043M8IZ-4.5A Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
logo
Renesas Technology Corp
X5043M8IZ-4.5A RENESAS-X5043M8IZ-4.5A Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5043M8IZ-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
logo
Xicor Inc.
X5043 XICOR-X5043 Datasheet
108Kb / 20P
   CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com