Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X60008EIS8Z-41 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X60008EIS8Z-41
Description  Precision 4.096V FGA??Voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60008EIS8Z-41 Datasheet(HTML) 4 Page - Intersil Corporation

  X60008EIS8Z-41 Datasheet HTML 1Page - Intersil Corporation X60008EIS8Z-41 Datasheet HTML 2Page - Intersil Corporation X60008EIS8Z-41 Datasheet HTML 3Page - Intersil Corporation X60008EIS8Z-41 Datasheet HTML 4Page - Intersil Corporation X60008EIS8Z-41 Datasheet HTML 5Page - Intersil Corporation X60008EIS8Z-41 Datasheet HTML 6Page - Intersil Corporation X60008EIS8Z-41 Datasheet HTML 7Page - Intersil Corporation X60008EIS8Z-41 Datasheet HTML 8Page - Intersil Corporation X60008EIS8Z-41 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN8144.1
June 27, 2006
Typical Performance Curves (VIN = 5.0V, IOUT = 0mA, TA = 25°C, unless otherwise specified)
+85
°C
-40
°C
Unit 3,
IIN = 700nA
Unit 1,
IIN = 360nA
Unit 2,
IIN = 520nA
VIN (V)
VIN (V)
LINE REGULATION
LINE REGULATION
(3 Representative Units)
-100
-50
0
50
100
150
200
250
300
4.5
5
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
4.0959
4.09595
4.096
4.09605
4.0961
4.09615
4.0962
4.09625
4.0963
4.5
5.5
6.5
7.5
8.5
+25
°C
LOAD REGULATION
OUTPUT CURRENT (mA)
-40
°C
+25
°C
+85
°C
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
-20
-15
-10
-5
0
5
10
15
20
SINKING
SOURCING
0.1Hz to 10Hz VOUT NOISE
1 Sec/div
Band Pass Filter with 1 zero at .1Hz and 2 poles at 10 Hz
X60008E-41


Similar Part No. - X60008EIS8Z-41

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008EIS8-50 INTERSIL-X60008EIS8-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
More results

Similar Description - X60008EIS8Z-41

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
   Precision 4.096V SOT-23 FGA Voltage References
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
X60008B-41 INTERSIL-X60008B-41 Datasheet
328Kb / 14P
   Precison 4.096V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
   Precision 2.5V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com