Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C524EBB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P83C524EBB
Description  8-bit microcontrollers
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524EBB Datasheet(HTML) 3 Page - NXP Semiconductors

  P83C524EBB Datasheet HTML 1Page - NXP Semiconductors P83C524EBB Datasheet HTML 2Page - NXP Semiconductors P83C524EBB Datasheet HTML 3Page - NXP Semiconductors P83C524EBB Datasheet HTML 4Page - NXP Semiconductors P83C524EBB Datasheet HTML 5Page - NXP Semiconductors P83C524EBB Datasheet HTML 6Page - NXP Semiconductors P83C524EBB Datasheet HTML 7Page - NXP Semiconductors P83C524EBB Datasheet HTML 8Page - NXP Semiconductors P83C524EBB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
1997 Dec 15
3
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
1
FEATURES
• 80C51 CPU
• 32 kbytes on-chip ROM, expandable externally to
64 kbytes Program Memory address space
• P83C524:
– 16 kbytes on-chip ROM, expandable externally from
32 kbytes to 64 kbytes Program Memory address
space (address space 16 k to 32 k not usable)
• P80C528:
– ROMless version of P83C528
• P83C528:
– 32 kbytes on-chip ROM, expandable externally from
32 kbytes to 64 kbytes Program Memory address
space
• EPROM versions are available: see separate data sheet
P87C524 and P87C528
• 512 bytes on-chip RAM, expandable externally to
64 kbytes Data Memory address space
• Four 8-bit I/O ports
• Full-duplex UART compatible with the standard 80C51
and the 8052
• Two standard 16-bit timer/counters
• An additional 16-bit timer (functionally equivalent to the
timer 2 of the 8052)
• On-chip Watchdog Timer (WDT) with an own oscillator
• Bit-level I2C-bus hardware serial I/O Port
• 7-source and 7-vector interrupt structure with 2 priority
levels
• Up to 3 external interrupt request inputs
• Two programmable power reduction modes (Idle and
Power-down)
• Termination of Idle mode by any interrupt, external or
WDT (watchdog) reset
• Wake-up from Power-down by external interrupt,
external or WDT reset
• ROM code protection
• XTAL frequency range: 3.5 MHz to 16 MHz and
3.5 MHz to 24 MHz
• All packaging pin-outs fully compatible to the standard
8051/8052.
2
GENERAL DESCRIPTION
The P83C524 and P83C528 single-chip 8-bit
microcontrollers are manufactured in an advanced CMOS
process and are derivatives of the PCB80C51
microcontroller family. These devices provide architectural
enhancements that make them applicable in a variety of
applications in general control systems, especially in those
systems which need a large ROM and RAM capacity on
chip.
The P83C524 and P83C528 contain a non-volatile
16 k
× 8 respectively 32 k × 8 read-only program memory,
a volatile 512 bytes
× 8 read/write data memory, four 8-bit
I/O ports, two 16-bit timer/event counters (identical to the
timers of the 80C51), a 16-bit timer (identical to the timer 2
of the 8052), a multi-source, two-priority-level, nested
interrupt structure, two serial interfaces (UART and
bit-level I2C-bus), a watchdog timer (WDT) with a separate
oscillator, an on-chip oscillator and timing circuits. For
systems that require extra capability, the P83C524 and
P83C528 can be expanded using standard TTL
compatible memories and logic.
The device also functions as an arithmetic processor
having facilities for both binary and BCD arithmetic plus
bit-handling capabilities. The P83C524 and P83C528
have the same instruction set as the PCB80C51 which
consists of over 100 instructions: 49 one-byte, 46 two-byte
and 16 three-byte. With a 16 MHz crystal, 58% of the
instructions are executed in 750 ns and 40% in 1.5
µs.
Multiply and divide instructions require 3
µs.


Similar Part No. - P83C524EBB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C528FBA PHILIPS-P83C528FBA Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
P83C528FBAA PHILIPS-P83C528FBAA Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
P83C528FBB PHILIPS-P83C528FBB Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
P83C528FBBB PHILIPS-P83C528FBBB Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
P83C528FBP PHILIPS-P83C528FBP Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
More results

Similar Description - P83C524EBB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com