Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9015UM8IZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9015UM8IZ
Description  Single Digitally Controlled Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9015UM8IZ Datasheet(HTML) 2 Page - Intersil Corporation

  X9015UM8IZ Datasheet HTML 1Page - Intersil Corporation X9015UM8IZ Datasheet HTML 2Page - Intersil Corporation X9015UM8IZ Datasheet HTML 3Page - Intersil Corporation X9015UM8IZ Datasheet HTML 4Page - Intersil Corporation X9015UM8IZ Datasheet HTML 5Page - Intersil Corporation X9015UM8IZ Datasheet HTML 6Page - Intersil Corporation X9015UM8IZ Datasheet HTML 7Page - Intersil Corporation X9015UM8IZ Datasheet HTML 8Page - Intersil Corporation X9015UM8IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN8157.5
August 31, 2006
Ordering Information
PART NUMBER
PART MARKING
VCC LIMITS (V)
RTOTAL (kΩ)
TEMPERATURE
RANGE (°C)
PACKAGE
PKG.
DWG. #
X9015WS8T1
X9015W
5 ±10%
10
0 to +70
8 Ld SOIC
Tape and Reel
M8.15
X9015WS8ZT1 (Note)
X9015W Z
0 to +70
8 Ld SOIC (Pb-free)
Tape and Reel
M8.15
X9015UM8
ABB
50
0 to +70
8 Ld MSOP
M8.118
X9015UM8Z (Note)
DCF
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9015UM8I*
ABD
-40 to +85
8 Ld MSOP
M8.118
X9015UM8IZ* (Note)
DCD
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9015US8*
X9015U
0 to +70
8 Ld SOIC
M8.15
X9015US8Z* (Note)
X9015U Z
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9015US8I*
X9015U I
-40 to +85
8 Ld SOIC
M8.15
X9015US8IZ* (Note)
X9015U Z I
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
X9015WS8-2.7*
X9015W F
2.7-5.5
10
0 to +70
8 Ld SOIC
M8.15
X9015WS8Z-2.7* (Note)
X9015W ZF
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9015UM8-2.7*
ABC
50
0 to +70
8 Ld MSOP
M8.118
X9015UM8Z-2.7* (Note)
DCF
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9015UM8I-2.7*
ABE
-40 to +85
8 Ld MSOP
M8.118
X9015UM8IZ-2.7* (Note)
DCE
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9015US8-2.7*
X9015U F
0 to +70
8 Ld SOIC
M8.15
X9015US8Z-2.7* (Note)
X9015U ZF
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9015US8I-2.7*
X9015U G
-40 to +85
8 Ld SOIC
M8.15
X9015US8IZ-2.7* (Note)
X9015U ZG
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
* Add “T1” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
X9015


Similar Part No. - X9015UM8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9015UM8IZ INTERSIL-X9015UM8IZ Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015UM8IZ INTERSIL-X9015UM8IZ Datasheet
306Kb / 12P
   Single Digitally Controlled
August 14, 2015
logo
Renesas Technology Corp
X9015UM8IZ RENESAS-X9015UM8IZ Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9015UM8IZ-2.7 INTERSIL-X9015UM8IZ-2.7 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015UM8IZ-2.7 INTERSIL-X9015UM8IZ-2.7 Datasheet
306Kb / 12P
   Single Digitally Controlled
August 14, 2015
More results

Similar Description - X9015UM8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com