Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9260 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9260
Description  Dual Digitally-Controlled Potentiometers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9260 Datasheet(HTML) 5 Page - Intersil Corporation

  X9260_06 Datasheet HTML 1Page - Intersil Corporation X9260_06 Datasheet HTML 2Page - Intersil Corporation X9260_06 Datasheet HTML 3Page - Intersil Corporation X9260_06 Datasheet HTML 4Page - Intersil Corporation X9260_06 Datasheet HTML 5Page - Intersil Corporation X9260_06 Datasheet HTML 6Page - Intersil Corporation X9260_06 Datasheet HTML 7Page - Intersil Corporation X9260_06 Datasheet HTML 8Page - Intersil Corporation X9260_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
FN8170.3
August 29, 2006
standby state. CS LOW enables the X9260, placing it
in the active power mode. It should be noted that after
a power-up, a HIGH to LOW transition on CS is
required prior to the start of any operation.
Potentiometer Pins
RH, RL
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer. Since
there are 2 potentiometers, there are 2 sets of RH and
RL such that RH0 and RL0 are the terminals of POT 0
and so on.
RW
The wiper pin are equivalent to the wiper terminal of a
mechanical
potentiometer.
Since
there
are
2
potentiometers, there are 2 sets of RW such that RW0
is the terminals of POT 0 and so on.
Supply Pins
SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY
GROUND (VSS)
The VCC pin is the system supply voltage. The VSS
pin is the system ground.
Analog Supply Voltages (V+ and V
-)
These supplies are the analog voltage supplies for the
potentiometer. The V+ supply is tied to the wiper
switches while the V- supply is used to bias the
switches and the internal P+ substrate of the
integrated circuit. Both of these supplies set the
voltage limits of the potentiometer.
Other Pins
NO CONNECT
No connect pins should be left floating. This pins are
used for Intersil manufacturing and testing purposes.
HARDWARE WRITE PROTECT INPUT (WP)
The WP pin when LOW prevents nonvolatile writes to
the Data Registers.
PRINCIPLES OF OPERATION
Serial Interface
The X9260 supports the SPI interface hardware
conventions. The device is accessed via the SI input
with data clocked in on the rising SCK. CS must be
LOW and the HOLD and WP pins must be HIGH
during the entire operation.
The SO and SI pins can be connected together, since
they have three state outputs. This can help to reduce
system pin count.
Array Description
The X9260 is comprised of a resistor array (See
Figure 1). The array contains the equivalent of 255
discrete resistive segments that are connected in
series. The physical ends of each array are equivalent
to the fixed terminals of a mechanical potentiometer
(RH and RL inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper
(RW) output. Within each individual array only one
switch may be turned on at a time.
These switches are controlled by a Wiper Counter
Register (WCR). The 8-bits of the WCR (WCR[7:0])
are decoded to select, and enable, one of 256
switches (See Table 1).
Power-up and Down Requirements.
At all times, the voltages on the potentiometer pins
must be less than V+ and more than V-. During power-
up and power-down, VCC, V+, and V- must reach their
final values within 1msecs of each other. The VCC
ramp rate spec is always in effect.
X9260


Similar Part No. - X9260_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9260TS24 INTERSIL-X9260TS24 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
X9260TS24-27 INTERSIL-X9260TS24-27 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
X9260TS24I INTERSIL-X9260TS24I Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260TS24I RENESAS-X9260TS24I Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
X9260TS24I-2.7 RENESAS-X9260TS24I-2.7 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
More results

Similar Description - X9260_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com