Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9261 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9261
Description  Dual Digitally-Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9261 Datasheet(HTML) 5 Page - Intersil Corporation

  X9261_06 Datasheet HTML 1Page - Intersil Corporation X9261_06 Datasheet HTML 2Page - Intersil Corporation X9261_06 Datasheet HTML 3Page - Intersil Corporation X9261_06 Datasheet HTML 4Page - Intersil Corporation X9261_06 Datasheet HTML 5Page - Intersil Corporation X9261_06 Datasheet HTML 6Page - Intersil Corporation X9261_06 Datasheet HTML 7Page - Intersil Corporation X9261_06 Datasheet HTML 8Page - Intersil Corporation X9261_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN8171.4
October 12, 2006
Figure 1. Detailed Potentiometer Block Diagram
DEVICE DESCRIPTION
Wiper Counter Register (WCR)
The X9261 contains two Wiper Counter Registers, one
for each DCP potentiometer. The Wiper Counter
Register can be envisioned as a 8-bit parallel and
serial load counter with its outputs decoded to select
one of 256 switches along its resistor array. The
contents of the WCR can be altered in four ways: it
may be written directly by the host via the Write Wiper
Counter Register instruction (serial load); it may be
written indirectly by transferring the contents of one of
four associated data registers via the XFR Data
Register instruction (parallel load); it can be modified
one step at a time by the Increment/Decrement
instruction (See Instruction section for more details).
Finally, it is loaded with the contents of its Data
Register zero (DR0) upon power-up.
The Wiper Counter Register is a volatile register; that
is, its contents are lost when the X9261 is powered-
down. Although the register is automatically loaded
with the value in DR0 upon power-up, this may be
different from the value present at power-down.
Power-up guidelines are recommended to ensure
proper loadings of the DR0 value into the WCR.
Data Registers (DR)
Each potentiometer has four 8-bit nonvolatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Counter
Register. All operations changing data in one of the
Data Registers is a nonvolatile operation and will take
a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as regular memory locations for system
parameters or user preference data.
Bits [7:0] are used to store one of the 256 wiper
positions or data (0~255).
Status Register (SR)
This 1-bit Status Register is used to store the system
status.
WIP: Write In Progress status bit, read only.
– When WIP=1, indicates that high-voltage write cycle
is in progress.
– When WIP=0, indicates that no high-voltage write
cycle is in progress.
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCK
UP/DN
RH
RL
RW
8
8
C
O
U
N
T
E
R
D
E
C
O
D
E
IF WCR = 00[H] THEN RW = RL
IF WCR = FF[H] THEN RW = RH
WIPER
(WCR)
One of Two Potentiometers
(DR0)
(DR1)
(DR2)
(DR3)
X9261


Similar Part No. - X9261_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9261TS24 INTERSIL-X9261TS24 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9261TS24-2.7 INTERSIL-X9261TS24-2.7 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9261TS24I INTERSIL-X9261TS24I Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9261TS24I-2.7 INTERSIL-X9261TS24I-2.7 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9261TS24Z INTERSIL-X9261TS24Z Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
More results

Similar Description - X9261_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com